Electronic Components Datasheet Search
  English  ▼

X  

S8235A Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S8235A
Description  FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8235A Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S8235A Datasheet HTML 1Page - Seiko Instruments Inc S8235A Datasheet HTML 2Page - Seiko Instruments Inc S8235A Datasheet HTML 3Page - Seiko Instruments Inc S8235A Datasheet HTML 4Page - Seiko Instruments Inc S8235A Datasheet HTML 5Page - Seiko Instruments Inc S8235A Datasheet HTML 6Page - Seiko Instruments Inc S8235A Datasheet HTML 7Page - Seiko Instruments Inc S8235A Datasheet HTML 8Page - Seiko Instruments Inc S8235A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
FOR AUTOMOTIVE BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
S-8235A Series
Rev.1.5_00
Seiko Instruments Inc.
4
Pin Configuration
1. 16-Pin TSSOP
5
4
6
8
7
2
3
1
12
13
11
9
10
15
14
16
Top view
Figure 2
Table 3
Pin No.
Symbol
Description
1
VDD
Input pin for positive power supply
2
VC1
Positive voltage monitoring pin of battery 1
3
VC2
Negative voltage monitoring pin of battery 1,
Positive voltage monitoring pin of battery 2
4
VC3
Negative voltage monitoring pin of battery 2,
Positive voltage monitoring pin of battery 3
5
VC4
Negative voltage monitoring pin of battery 3,
Positive voltage monitoring pin of battery 4
6
VC5
Negative voltage monitoring pin of battery 4,
Positive voltage monitoring pin of battery 5
7
VSS
Negative voltage monitoring pin of battery 5
8
NPI
Input pin for negative power supply
9
CO
Connection pin of charge control FET gate
10
CAO
Output pin for chip active signal
11
CLKI
Input pin for clock signal
12
RSTI
Input pin for reset signal
13
RSTO
Output pin for reset signal
14
CLKO
Output pin for clock signal
15
CAI
Input pin for chip active signal
16
CTL
Input pin for charge control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com