Electronic Components Datasheet Search
  English  ▼

X  

S8235A Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S8235A
Description  FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8235A Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S8235A Datasheet HTML 5Page - Seiko Instruments Inc S8235A Datasheet HTML 6Page - Seiko Instruments Inc S8235A Datasheet HTML 7Page - Seiko Instruments Inc S8235A Datasheet HTML 8Page - Seiko Instruments Inc S8235A Datasheet HTML 9Page - Seiko Instruments Inc S8235A Datasheet HTML 10Page - Seiko Instruments Inc S8235A Datasheet HTML 11Page - Seiko Instruments Inc S8235A Datasheet HTML 12Page - Seiko Instruments Inc S8235A Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
FOR AUTOMOTIVE BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.5_00
S-8235A Series
Seiko Instruments Inc.
9
9. RSTI pin current "H" (IRSTIH), RSTI pin current "L" (IRSTIL)
Set V9 = VDN
− 2.0 V in initial status 2. IRSTIH is defined as the maximum current which flows in the RSTI pin when the
voltage V9 is gradually increased. IRSTIL is defined as the current which flows in the RSTI pin after setting V9 = 0 V in
initial status 2.
10. CAI pin current "H" (ICAIH), CAI pin current "L" (ICAIL)
ICAIH is defined as the current which flows in the CAI pin after setting V9 = 0 V, V12 = VDN in initial status 2.
Set V12 = 2.0 V, V9 = 0 V. ICAIL is defined as the minimum current which flows in the CAI pin when the voltage V12 is
gradually increased.
11. CTL pin current "H" (ICTLH), CTL pin current "L" (ICTLL)
ICTLH is defined as the current which flows in the CTL pin after setting V13 = VDN in initial status 2.
Set V13 = 2.0 V, V9 = 0 V in initial status 2. ICTLL is defined as the minimum current which flows in the CTL pin when
the voltage V13 is gradually increased.
12. CO pin sink current (ICOL), CO pin source current (ICOH)
ICOL is defined as the current which flows in the CO pin after setting SWCO = ON, V6 = 0.5 V in initial status 2.
ICOH is defined as the current which flows in the CO pin after setting SWCO = ON, V13 = VDN, V6 = VDN
− 0.5 V in initial
status 2.
13. CAO pin sink current (ICAOL), CAO pin source current (ICAOH)
ICAOL is the current which flows in the CAO pin after setting SWCAO = ON, V7 = 0.5 V in initial status 2.
ICAOH is the current which flows in the CAO pin after setting SWCAO = ON, V9 = 0.5 V, V8 = 5 V, V7 = VDN
− 0.5 V in
initial status 2.
14. RSTO pin sink current (IRSTOL), RSTO pin source current (IRSTOH)
IRSTOL is defined as the current which flows in the RSTO pin after setting SWRSTO = ON, V10 = 0.5 V in initial status 3.
IRSTOH is defined as the current which flows in the RSTO pin after setting SWRSTO = ON, V10 = VDN
− 0.5 V in initial
status 2.
15. CLKO pin sink current (ICLKOL), CLKO pin source current (ICLKOH)
ICLKOL is defined as the current which flows in the CLKO pin after setting SWCLKO = ON, V9 = 0 V, V11 = 0.5 V in initial
status 2.
ICLKOH is defined as the current which flows in the CLKO pin after setting SWCLKO = ON, V11 = VDN
− 0.5V in initial
status 2.
16. Overcharge detection delay time (tCU)
tCU is defined as the time period until the CO pin output changes after increasing the voltage V1 up to 5.0 V in initial
status 1.
17. Overcharge timer reset delay time (tTR)
Increase the voltage V1 up to 5.0 V in initial status 1 (first rising), and decrease the voltage V1 down to 2.8 V within tCU.
After that, increase voltage V1 up to 5.0 V again (second rising), and measure the time period until the CO pin output
changes. If the time period from when the voltage V1 is decreased to the second rising is short, CO pin output
changes after tCU is elapsed from the first rising. When the time period is gradually made longer, CO pin output
changes after tCU is elapsed from the second rising. tTR is defined as the time period from when the voltage V1 is
decreased to the second rising.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com