Electronic Components Datasheet Search
  English  ▼

X  

S8239B Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S8239B
Description  OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8239B Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S8239B Datasheet HTML 1Page - Seiko Instruments Inc S8239B Datasheet HTML 2Page - Seiko Instruments Inc S8239B Datasheet HTML 3Page - Seiko Instruments Inc S8239B Datasheet HTML 4Page - Seiko Instruments Inc S8239B Datasheet HTML 5Page - Seiko Instruments Inc S8239B Datasheet HTML 6Page - Seiko Instruments Inc S8239B Datasheet HTML 7Page - Seiko Instruments Inc S8239B Datasheet HTML 8Page - Seiko Instruments Inc S8239B Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
Rev.1.1_00
S-8239B Series
Seiko Instruments Inc.
3
Product Name Structure
1. Product name
S-8239B xx - M6T1 U
Environmental code
U: Lead-free (Sn 100%), halogen-free
Package abbreviation and IC packing specifications
*1
M6T1: SOT-23-6, Tape
Serial code
*2
Sequentially set from AA to ZZ
*1. Refer to the tape drawing.
*2. Refer to "3. Product name list".
2. Package
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
SOT-23-6
MP006-A-P-SD
MP006-A-C-SD
MP006-A-R-SD
3. Product name list
Table 2
Product Name
Overcurrent 1
Detection
Voltage
[VDIOV1]
Overcurrent 2
Detection
Voltage
[VDIOV2]
Overcurrent 1
Detection
Delay Time
[tDIOV1]
Overcurrent 2
Detection
Delay Time
[tDIOV2]
Overcurrent 3
Detection
Function
S-8239BAA-M6T1U
0.20 V
0.4 V
1150 ms
0.56 ms
Unavailable
Remark Contact our sales office for the products with detection voltage value other than those specified above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com