Electronic Components Datasheet Search
  English  ▼

X  

S8239B Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S8239B
Description  OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8239B Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S8239B Datasheet HTML 4Page - Seiko Instruments Inc S8239B Datasheet HTML 5Page - Seiko Instruments Inc S8239B Datasheet HTML 6Page - Seiko Instruments Inc S8239B Datasheet HTML 7Page - Seiko Instruments Inc S8239B Datasheet HTML 8Page - Seiko Instruments Inc S8239B Datasheet HTML 9Page - Seiko Instruments Inc S8239B Datasheet HTML 10Page - Seiko Instruments Inc S8239B Datasheet HTML 11Page - Seiko Instruments Inc S8239B Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
S-8239B Series
Rev.1.1_00
Seiko Instruments Inc.
8
Test Circuits
Caution
Unless otherwise specified, the output voltage levels "H" and "L" at the DO pin (VDO) are judged by
the threshold voltage (1.0 V) of the N-channel FET. Judge the DO pin level with respect to VSS.
1. Overcurrent 1 detection voltage, overcurrent 2 detection voltage, overcurrent release voltage,
UVLO detection voltage
(Test condition 1, test circuit 1)
The overcurrent 1 detection voltage (VDIOV1) is defined as the voltage V2 whose delay time for changing VDO from "H"
to "L" lies between the minimum and the maximum value of the overcurrent 1 detection delay time after the voltage
V2 is increased instantaneously (within 10
μs) from the set conditions of V1 = V3 = 3.5 V, V2 = 0 V.
The overcurrent 2 detection voltage (VDIOV2) is defined as the voltage V2 whose delay time for changing VDO from "H"
to "L" lies between the minimum and the maximum value of the overcurrent 2 detection delay time after the voltage
V2 is increased instantaneously (within 10
μs) from the set conditions of V1 = V3 = 3.5 V, V2 = 0 V.
The overcurrent release voltage (VRIOV) is defined as the voltage V3 at which VDO goes from "L" to "H" after
decreasing V2 to 0 V and the voltage V3 is increased gradually from the set conditions of V1 = V2 = 3.5 V, V3 = 0 V.
The UVLO detection voltage (VUVLO) is defined as the voltage V1 at which VDO goes from "H" to "L" after the voltages
V1 and V3 are decreased gradually from the set conditions of V1 = V3 = 3.5 V, V2 = 0 V.
2. Overcurrent 3 detection voltage (Overcurrent 3 detection function "available")
(Test condition 1, test circuit 1)
The overcurrent 3 detection voltage (VDIOV3) is defined as the voltage V2 whose delay time for changing VDO from "H"
to "L" lies between the minimum and the maximum value of the overcurrent 3 detection delay time after the voltage
V2 is increased instantaneously (within 10
μs) from the set conditions of V1 = V3 = 3.5 V, V2 = 0 V.
3. Current consumption during normal operation, current consumption during power-down
(Test condition 2, test circuit 2)
The current consumption during normal operation (IOPE) is the current that flows through the VDD pin (IDD) under the
set conditions of V1 = 3.5 V, V2 = 0 V.
The current consumption during power-down (IPDN) is IDD under the set conditions of V1 = V2 = 1.5 V.
4. Internal resistance between VM pin and VDD pin
(Test condition 3, test circuit 3)
The internal resistance between the VM pin and the VDD pin (RVMD) is the resistance between the VM pin and the
VDD pin under the set conditions of V1 = 1.8 V, V2 = V3 = 0 V.
5. DO pin resistance "L"
(Test condition 4, test circuit 4)
The DO pin resistance "L" (RDOL) is the DO pin resistance under the set conditions of V1 = V2 = 3.5 V, V3 = 0.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com