Electronic Components Datasheet Search
  English  ▼

X  

S8239B Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S8239B
Description  OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8239B Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S8239B Datasheet HTML 3Page - Seiko Instruments Inc S8239B Datasheet HTML 4Page - Seiko Instruments Inc S8239B Datasheet HTML 5Page - Seiko Instruments Inc S8239B Datasheet HTML 6Page - Seiko Instruments Inc S8239B Datasheet HTML 7Page - Seiko Instruments Inc S8239B Datasheet HTML 8Page - Seiko Instruments Inc S8239B Datasheet HTML 9Page - Seiko Instruments Inc S8239B Datasheet HTML 10Page - Seiko Instruments Inc S8239B Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
Rev.1.1_00
S-8239B Series
Seiko Instruments Inc.
7
2. Ta =
−40°C to +85°C
*1
Table 6
(Ta =
−40°C to +85°C
*1 unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Condition
Test
Circuit
Detection Voltage
Overcurrent 1 detection voltage
VDIOV1
−
VDIOV1
− 0.021
VDIOV1
VDIOV1
+ 0.021
V
1
1
Overcurrent 2 detection voltage
*2 VDIOV2
−
VDIOV2
− 0.130
VDIOV2
VDIOV2
+ 0.130
V
1
1
Overcurrent 3 detection voltage
VDIOV3
Overcurrent 3 detection function
"available"
0.70
1.20
1.70
V
1
1
UVLO detection voltage
VUVLO
−
1.85
2.00
2.15
V
1
1
Release Voltage
Overcurrent release voltage
VRIOV
VDD criteria, VDD = 3.5 V
0.5
1.2
1.7
V
1
1
Input Voltage, Operation Voltage
Operation voltage between
VDD pin and VSS pin
VDSOP
Output logic is determined
*3
1.5
−
8
V
−
−
Current Consumption
Current consumption during
normal operation
IOPE
VDD = 3.5 V, VVM = 0 V
0.7
3.5
8.0
μA
2
2
Current consumption during
power-down
IPDN
VDD = VVM = 1.5 V
−
−
0.15
μA
2
2
Internal Resistance
Internal resistance between
VM pin and VDD pin
RVMD
VDD =1.8 V, VVM = 0 V
78
300
1310
k
Ω
3
3
Output Resistance
DO pin resistance "L"
RDOL
VDD = VVINI = 3.5 V, VDO = 0.5 V
1.2
5
15
k
Ω
4
4
Delay Time
Overcurrent 1 detection delay
time
tDlOV1
−
tDIOV1
× 0.2
tDIOV1
tDIOV1
× 1.8
ms
5
5
Overcurrent 2 detection delay
time
tDlOV2
−
tDIOV2
× 0.2
tDIOV2
tDIOV2
× 1.8
ms
5
5
Overcurrent 3 detection delay
time
tDlOV3
Overcurrent 3 detection function
"available"
56
280
504
μs
5
5
UVLO detection delay time
tUVLO
−
0.98
4.90
8.82
s
5
5
*1. Since products are not screened at high and low temperatures, the specification for this temperature range is
guaranteed by design, not tested in production.
*2. Even if overcurrent 1 detection voltage and overcurrent 2 detection voltage are in the same range, VDIOV1 is lower than
VDIOV2.
*3. It indicates that DO pin output logic is determined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com