Electronic Components Datasheet Search
  English  ▼

X  

S8239B Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S8239B
Description  OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8239B Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S8239B Datasheet HTML 5Page - Seiko Instruments Inc S8239B Datasheet HTML 6Page - Seiko Instruments Inc S8239B Datasheet HTML 7Page - Seiko Instruments Inc S8239B Datasheet HTML 8Page - Seiko Instruments Inc S8239B Datasheet HTML 9Page - Seiko Instruments Inc S8239B Datasheet HTML 10Page - Seiko Instruments Inc S8239B Datasheet HTML 11Page - Seiko Instruments Inc S8239B Datasheet HTML 12Page - Seiko Instruments Inc S8239B Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
Rev.1.1_00
S-8239B Series
Seiko Instruments Inc.
9
6. Overcurrent 1 detection delay time
(Test condition 5, test circuit 5)
6. 1 VDIOV2 = 0.1 V
The overcurrent 1 detection delay time (tDIOV1) is the time period from when the voltage V2 exceeds VDIOV1 to when
VDO goes to "L", after V2 is increased to 0.08 V instantaneously (within 10
μs) under the set conditions of V1 =
3.5 V, V2 = 0 V.
6. 2 VDIOV2
≥ 0.2 V
The overcurrent 1 detection delay time (tDIOV1) is the time period from when the voltage V2 exceeds VDIOV1 to when
VDO goes to "L", after V2 is increased to VDIOV1 max.
+ 0.01 V instantaneously (within 10 μs) under the set
conditions of V1 = 3.5 V, V2 = 0 V.
7. Overcurrent 2 detection delay time, UVLO detection delay time
(Test condition 5, test circuit 5)
The overcurrent 2 detection delay time (tDIOV2) is the time period from when the voltage V2 exceeds VDIOV2 to when
VDO goes to "L", after V2 is increased to 0.9 V instantaneously (within 10
μs) under the set conditions of V1 = 3.5 V,
V2 = 0 V.
The UVLO detection delay time (tUVLO) is the time period from when the voltage V1 falls below VUVLO to when VDO
goes to "L", after V1 is decreased to 1.8 V instantaneously (within 10
μs) under the set conditions of V1 = 3.5 V, V2 =
0 V.
8. Overcurrent 3 detection delay time (Overcurrent 3 detection function "available")
(Test condition 5, test circuit 5)
The overcurrent 3 detection delay time (tDIOV3) is the time period from when the voltage V2 exceeds VDIOV3 to when
VDO goes to "L", after V2 is increased to 1.6 V instantaneously (within 10
μs) under the set conditions of V1 = 3.5 V,
V2 = 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com