Electronic Components Datasheet Search
  English  ▼

X  

S8239B Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S8239B
Description  OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8239B Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S8239B Datasheet HTML 1Page - Seiko Instruments Inc S8239B Datasheet HTML 2Page - Seiko Instruments Inc S8239B Datasheet HTML 3Page - Seiko Instruments Inc S8239B Datasheet HTML 4Page - Seiko Instruments Inc S8239B Datasheet HTML 5Page - Seiko Instruments Inc S8239B Datasheet HTML 6Page - Seiko Instruments Inc S8239B Datasheet HTML 7Page - Seiko Instruments Inc S8239B Datasheet HTML 8Page - Seiko Instruments Inc S8239B Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
S-8239B Series
www.sii-ic.com
OVERCURRENT MONITORING IC
FOR MULTI-SERIAL-CELL PACK
© Seiko Instruments Inc., 2014
Rev.1.1_00
Seiko Instruments Inc.
1
The S-8239B Series is an overcurrent monitoring IC for multi-serial-cell pack including high-accuracy voltage detection
circuits and delay circuits.
The S-8239B Series is suitable for protection of lithium-ion / lithium polymer rechargeable battery packs from overcurrent.
Features
• Built-in high-accuracy voltage detection circuit
Overcurrent 1 detection voltage
*1
0.04 V to 0.30 V (10 mV step)
Accuracy
±15 mV
Overcurrent 2 detection voltage
0.1 V to 0.7 V (100 mV step)
Accuracy
±100 mV
Overcurrent 3 detection voltage
1.2 V (Fixed)
Accuracy
±300 mV
• Built-in three-step overcurrent detection circuit: Overcurrent 1, overcurrent 2, overcurrent 3
• Overcurrent 3 detection function is selectable: Available, unavailable
• UVLO (under voltage lock out) function
UVLO detection voltage
2.0 V (Fixed)
Accuracy
±100 mV
• High-withstand voltage device is used:
VM pin, DO pin: Absolute maximum rating 28 V
• Delay times are generated only by an internal circuit (External capacitors are unnecessary).
• Low current consumption
During normal operation:
7.0
μA max.
During power-down:
0.1
μA max.
• Output logic:
Active "L"
• Wide operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
*1. Overcurrent 1 detection voltage
≤ 0.06 V should be satisfied in the case of overcurrent 2 detection voltage = 0.1 V.
Overcurrent 1 detection voltage
≤ 0.85 × overcurrent 2 detection voltage − 0.05 V should be satisfied in the case of
overcurrent 2 detection voltage
≥ 0.2 V.
Applications
• Lithium-ion rechargeable battery pack
• Lithium polymer rechargeable battery pack
Package
• SOT-23-6


Similar Part No. - S8239B

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8239A SII-S8239A Datasheet
477Kb / 30P
OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
More results

Similar Description - S8239B

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8225B SII-S8225B Datasheet
538Kb / 24P
BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
S8239A SII-S8239A Datasheet
477Kb / 30P
OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
logo
ABLIC Inc.
S-8225A ABLIC-S-8225A Datasheet
590Kb / 27P
BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.2.0_00
S-8255A ABLIC-S-8255A Datasheet
599Kb / 32P
BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.4_00
S-8255B ABLIC-S-8255B Datasheet
600Kb / 34P
BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.3_00
S-8259A ABLIC-S-8259A Datasheet
336Kb / 23P
BATTERY MONITORING IC FOR 1-CELL PACK
Rev.1.1_02
S-8269B ABLIC-S-8269B Datasheet
685Kb / 32P
OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
Rev.1.1_00
S-8239B ABLIC-S-8239B Datasheet
414Kb / 25P
OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
Rev.1.2_00
S-8239A ABLIC-S-8239A Datasheet
492Kb / 30P
OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
Rev.1.5_00
S-8225B ABLIC-S-8225B Datasheet
608Kb / 24P
BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.6_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com