Electronic Components Datasheet Search
  English  ▼

X  

S8239B Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S8239B
Description  OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8239B Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S8239B Datasheet HTML 1Page - Seiko Instruments Inc S8239B Datasheet HTML 2Page - Seiko Instruments Inc S8239B Datasheet HTML 3Page - Seiko Instruments Inc S8239B Datasheet HTML 4Page - Seiko Instruments Inc S8239B Datasheet HTML 5Page - Seiko Instruments Inc S8239B Datasheet HTML 6Page - Seiko Instruments Inc S8239B Datasheet HTML 7Page - Seiko Instruments Inc S8239B Datasheet HTML 8Page - Seiko Instruments Inc S8239B Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
Rev.1.1_00
S-8239B Series
Seiko Instruments Inc.
5
Absolute Maximum Ratings
Table 4
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Applied pin
Absolute Maximum Rating
Unit
Input voltage between VDD pin and VSS pin
VDS
VDD
VSS
− 0.3 to VSS +12
V
VM pin input voltage
VVM
VM
VDD
− 28 to VDD + 0.3
V
VINI pin input voltage
VVINI
VINI
VSS
− 0.3 to VSS + 12
V
DO pin output voltage
VDO
DO
VSS
− 0.3 to VSS + 28
V
Power dissipation
PD
−
650
*1
mW
Operation ambient temperature
Topr
−
−40 to +85
°C
Storage temperature
Tstg
−
−55 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size:
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name:
JEDEC STANDARD51-7
Caution
1. The DP pin should be open.
2. The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
600
400
0
200
0
50
100
150
500
300
100
700
Ambient temperature (Ta) [
°C]
Figure 3 Power Dissipation of Package (When Mounted on Board)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com