Electronic Components Datasheet Search
  English  ▼

X  

S8239B Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S8239B
Description  OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8239B Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S8239B Datasheet HTML 8Page - Seiko Instruments Inc S8239B Datasheet HTML 9Page - Seiko Instruments Inc S8239B Datasheet HTML 10Page - Seiko Instruments Inc S8239B Datasheet HTML 11Page - Seiko Instruments Inc S8239B Datasheet HTML 12Page - Seiko Instruments Inc S8239B Datasheet HTML 13Page - Seiko Instruments Inc S8239B Datasheet HTML 14Page - Seiko Instruments Inc S8239B Datasheet HTML 15Page - Seiko Instruments Inc S8239B Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
OVERCURRENT MONITORING IC FOR MULTI-SERIAL-CELL PACK
S-8239B Series
Rev.1.1_00
Seiko Instruments Inc.
12
5. Delay circuit
The detection delay times are determined by dividing a clock of approximately 3.5 kHz with the counter.
Remark The overcurrent 2 detection delay time (tDIOV2) starts when the overcurrent 1 detection voltage (VDIOV1) is
detected. When the overcurrent 2 detection voltage (VDIOV2) is detected over tDIOV2 after the detection of
VDIOV1, the S-8239B Series becomes the overcurrent status within tDIOV2 from the time of detecting VDIOV2.
DO pin
VINI pin
High-Z
Time
VDIOV1
VSS
VSS
VDIOV2
tDIOV2
Time
tD
0
≤ tD ≤ tDIOV2
Figure 9
6. DP pin
The DP pin is a test pin for delay time measurement and it should be open in the actual application.
If a capacitor whose capacitance is 1000 pF or more or a resistor whose resistance is 1 M
Ω or less is connected to
this pin, error may occur in the delay times or in the detection voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com