Electronic Components Datasheet Search
  English  ▼

X  

S35390A Datasheet(PDF) 24 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 24 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 20Page - Seiko Instruments Inc S35390A Datasheet HTML 21Page - Seiko Instruments Inc S35390A Datasheet HTML 22Page - Seiko Instruments Inc S35390A Datasheet HTML 23Page - Seiko Instruments Inc S35390A Datasheet HTML 24Page - Seiko Instruments Inc S35390A Datasheet HTML 25Page - Seiko Instruments Inc S35390A Datasheet HTML 26Page - Seiko Instruments Inc S35390A Datasheet HTML 27Page - Seiko Instruments Inc S35390A Datasheet HTML 28Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
S-35390A H Series
Rev.2.2_00
Seiko Instruments Inc.
24
3. Per-minute edge interrupt output
Per-minute edge interrupt output is the function to output "L" from the
1
INT
/
2
INT
pin, when the first minute-carry
processing is done, after selecting the output mode.
To set the pin output to "H", turn off the output mode of per-minute edge interrupt. In the
1
INT
pin output mode, input
"0" in INT1ME in the status register 2. In the
2
INT
pin output mode, input "0" in INT2ME.
OFF
INT1ME / INT2ME
INT1 pin / INT2 pin
"L" is output again if this period is within 7.81 ms*1.
Change by program
Minute-carry processing
Minute-carry
processing
Status register 2 setting
• INT1 pin output mode
32kE = 0, INT1AE = Don’t care (0 or 1), INT1FE = 0
• INT2 pin output mode
INT2AE = Don’t care (0 or 1), INT2FE = 0
*1.
Pin output is set to "H" by disabling the output mode within 7.81 ms, because the signal of this procedure is
maintained for 7.81 ms. Note that pin output is set to "L" by setting the output mode enable again.
Figure 27 Timing of Per-Minute Edge Interrupt Output
4. Minute-periodical interrupt output 1
The minute-periodical interrupt 1 is the function to output the one-minute clock pulse (Duty 50%) from the
1
INT
/
2
INT
pin, when the first minute-carry processing is done, after selecting the output mode.
INT1ME, INT1FE
INT2ME, INT2FE
30 s
30 s
30 s
30 s
30 s
30 s
30 s
30 s
30 s
INT1 pin / INT2 pin
Minute-carry
processing
Minute-carry
processing
Minute-carry
processing
Minute-carry
processing
Minute-carry
processing
"L" is output again if this period is within 7.81 ms*1.
Change by program (OFF)
"H" is output again if this period is 7.81 ms or longer.
"L" is output at the next minute-carry processing.
Status register 2 setting
INT1 pin output mode
32kE = 0, INT1AE = 0
INT2 pin output mode
INT2AE = 0
*1.
Setting the output mode disable makes the pin output "H", while the output from the
1
INT
/
2
INT
pin is in "L".
Note that pin output is set to "L" by setting the output mode enable again.
Figure 28 Timing of Per-Minute Steady Interrupt Output 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com