Electronic Components Datasheet Search
  English  ▼

X  

S35390A Datasheet(PDF) 25 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 25 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 21Page - Seiko Instruments Inc S35390A Datasheet HTML 22Page - Seiko Instruments Inc S35390A Datasheet HTML 23Page - Seiko Instruments Inc S35390A Datasheet HTML 24Page - Seiko Instruments Inc S35390A Datasheet HTML 25Page - Seiko Instruments Inc S35390A Datasheet HTML 26Page - Seiko Instruments Inc S35390A Datasheet HTML 27Page - Seiko Instruments Inc S35390A Datasheet HTML 28Page - Seiko Instruments Inc S35390A Datasheet HTML 29Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
Rev.2.2_00
S-35390A H Series
Seiko Instruments Inc.
25
5. Minute-periodical interrupt output 2 (only in the
1
INT
pin output mode)
The output of minute-periodical interrupt 2 is the function to output "L", for 7.81 ms, from the
1
INT
pin, synchronizing
with the first minute-carry processing after selecting the output mode. However, during a reading operation in the
real-time data register, the procedure delays at 0.5 seconds max. thus output "L" from the
1
INT
pin also delays at 0.5
seconds max. During a writing operation in the real-time data register, some delay is made in the output period due to
write timing and the second-data of writing.
(1) During normal operation
7.81 ms
7.81 ms
7.81 ms
60 s
60 s
INT1 pin
Minute-carry processing
Minute-carry processing
Minute-carry processing
(2) During reading operation in the real-time data register
7.81 ms
7.81 ms
7.81 ms
INT1 pin
Serial
communication
0.5 s max.
60 s
60 s
Real-time data
read command
Real-time
data reading
Real-time data
read command
Real-time
data reading
Minute-carry processing
Minute-carry processing
Minute-carry processing
(Normal minute-
carry processing)
(3) During writing operation in the real-time data register
7.81 ms
7.81 ms
7.81 ms
INT1 pin
Real-time data
write timing
55 s
80 s
Minute-carry processing
Minute-carry processing
Minute-carry processing
45 s
10 s
30 s
50 s
The output period is shorter.
The output period is longer.
Second data of writing: "50" s
Second data of writing: "10" s
Figure 29 Timing of Minute-periodical Interrupt Output 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com