Electronic Components Datasheet Search
  English  ▼

X  

S35390A Datasheet(PDF) 33 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 33 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 29Page - Seiko Instruments Inc S35390A Datasheet HTML 30Page - Seiko Instruments Inc S35390A Datasheet HTML 31Page - Seiko Instruments Inc S35390A Datasheet HTML 32Page - Seiko Instruments Inc S35390A Datasheet HTML 33Page - Seiko Instruments Inc S35390A Datasheet HTML 34Page - Seiko Instruments Inc S35390A Datasheet HTML 35Page - Seiko Instruments Inc S35390A Datasheet HTML 36Page - Seiko Instruments Inc S35390A Datasheet HTML 37Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
Rev.2.2_00
S-35390A H Series
Seiko Instruments Inc.
33
4. Data access
4. 1 Real-time data 1 access
72
9
1
1
0
1
1
0
SCL
SDA
Year data
Second data
B7
B0
B7
B0
R / W
0
0
I/O mode switching
I/O mode switching
Device code
+
command
18
63
*1.
Set NO_ACK = 1 when reading.
*2.
Transmit ACK = 0 from the master device to the S-35390A H Series when reading.
Figure 38 Real-Time Data 1 Access
4. 2 Real-time data 2 access
36
9
1
1
0
1
1
0
SCL
SDA
Hour data
Second data
B7
B0
B7
B0
R / W
1
0
I/O mode switching
I/O mode switching
B0
B7
Minute data
18
27
Device code +
command
*1.
Set NO_ACK = 1 when reading.
*2.
Transmit ACK = 0 from the master device to the S-35390A H Series when reading.
Figure 39 Real-Time Data 2 Access
4. 3 Status register 1 access and status register 2 access
18
9
1
0
0
0
1
1
0
I/O mode switching
SCL
SDA
Status data
B7
B0
I/O mode switching
*1
R / W
Device code
+
command
*1.
0: Status register 1 selected, 1: Status register 2 selected
*2.
Set NO_ACK = 1 when reading.
Figure 40 Status Register 1 Access and Status Register 2 Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com