Electronic Components Datasheet Search
  English  ▼

X  

S35390A Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 6Page - Seiko Instruments Inc S35390A Datasheet HTML 7Page - Seiko Instruments Inc S35390A Datasheet HTML 8Page - Seiko Instruments Inc S35390A Datasheet HTML 9Page - Seiko Instruments Inc S35390A Datasheet HTML 10Page - Seiko Instruments Inc S35390A Datasheet HTML 11Page - Seiko Instruments Inc S35390A Datasheet HTML 12Page - Seiko Instruments Inc S35390A Datasheet HTML 13Page - Seiko Instruments Inc S35390A Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
S-35390A H Series
Rev.2.2_00
Seiko Instruments Inc.
10
2. Configuration of command
8 types of command are available for the S-35390A H Series, The S-35390A H Series reads / writes the various
registers by inputting these codes and commands. The S-35390A H Series does not perform any operation with any
codes and commands other than those below.
Table 10 List of Commands
Device
Code
Command
Data
C2 C1 C0
Description
B7
B6
B5
B4
B3
B2
B1
B0
0110
0
0
0 Status register 1 access
RESET
*1
24
/
12
SC0
*2
SC1
*2
INT1
*3
INT2
*3
BLD
*4
POC
*4
0
0
1 Status register 2 access
INT1FE INT1ME INT1AE
32kE
INT2FE INT2ME INT2AE TEST
*5
0
1
0
Real-time data 1 access
(year data to)
Y1
M1
D1
W1
H1
m1
s1
Y2
M2
D2
W2
H2
m2
s2
Y4
M4
D4
W4
H4
m4
s4
Y8
M8
D8
−
*6
H8
m8
s8
Y10
M10
D10
−
*6
H10
m10
s10
Y20
−
*6
D20
−
*6
H20
m20
s20
Y40
−
*6
−
*6
−
*6
PM
/
AM
m40
s40
Y80
−
*6
−
*6
−
*6
−
*6
−
*6
−
*6
0
1
1
Real-time data 2 access
(hour data to)
H1
m1
s1
H2
m2
s2
H4
m4
s4
H8
m8
s8
H10
m10
s10
H20
m20
s20
PM
/
AM
m40
s40
−
*6
−
*6
−
*6
1
0
0
INT1 register access
(alarm time 1: week / hour / minute)
(INT1AE = 1, INT1ME = 0,
INT1FE = 0)
W1
H1
m1
W2
H2
m2
W4
H4
m4
−
*6
H8
m8
−
*6
H10
m10
−
*6
H20
m20
−
*6
PM
/
AM
m40
A1WE
A1HE
A1mE
INT1 register access
(output of user-set frequency)
(INT1ME = 0, INT1FE = 1)
1 Hz
2 Hz
4 Hz
8 Hz
16 Hz
SC2
*2
SC3
*2
SC4
*2
1
0
1
INT2 register access
(alarm time 2: week / hour / minute)
(INT2AE = 1, INT2ME = 0,
INT2FE = 0)
W1
H1
m1
W2
H2
m2
W4
H4
m4
−
*6
H8
m8
−
*6
H10
m10
−
*6
H20
m20
−
*6
PM
/
AM
m40
A2WE
A2HE
A2mE
INT2 register access
(output of user-set frequency)
(INT2ME = 0, INT2FE = 1)
1 Hz
2 Hz
4 Hz
8 Hz
16 Hz
SC5
*2
SC6
*2
SC7
*2
1
1
0 Clock correction register access
V0
V1
V2
V3
V4
V5
V6
V7
1
1
1 Free register access
F0
F1
F2
F3
F4
F5
F6
F7
*1.
Write-only flag. The S-35390A H Series initializes by writing "1" in this register.
*2.
Scratch bit. This is a register which is available for read / write operations and can be used by users freely.
*3.
Read-only flag. Valid only when using the alarm function. When the alarm time matches, this flag is set to "1", and it is
cleared to "0" when reading.
*4.
Read-only flag. "POC" is set to "1" when power is applied. It is cleared to "0" when reading. Regarding "BLD", refer to
" Low Power Supply Voltage Detection Circuit".
*5.
Test bit for SII. Be sure to set to "0" in use.
*6.
No effect when writing. It is "0" when reading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com