Electronic Components Datasheet Search
  English  ▼

X  

S35390A Datasheet(PDF) 41 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 41 Page - Seiko Instruments Inc

Back Button S35390A Datasheet HTML 37Page - Seiko Instruments Inc S35390A Datasheet HTML 38Page - Seiko Instruments Inc S35390A Datasheet HTML 39Page - Seiko Instruments Inc S35390A Datasheet HTML 40Page - Seiko Instruments Inc S35390A Datasheet HTML 41Page - Seiko Instruments Inc S35390A Datasheet HTML 42Page - Seiko Instruments Inc S35390A Datasheet HTML 43Page - Seiko Instruments Inc S35390A Datasheet HTML 44Page - Seiko Instruments Inc S35390A Datasheet HTML 45Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE REAL-TIME CLOCK
Rev.2.2_00
S-35390A H Series
Seiko Instruments Inc.
41
3. Adjustment of oscillation frequency
3. 1 Adjustment by setting Cg
Matching of the crystal oscillator with the nominal frequency must be performed with the parasitic capacitance on the
board included. Select a crystal oscillator and optimize the Cg value in accordance with the flowchart below.
START
END
YES
NO
YES
NO
NO
YES
NO
YES
Set to center
of variable
capacitance*3
Select a crystal
oscillator*1
Variable
capacitance
Change Cg
Optimal
value*2
Frequency
Cg in
specification
Set Cg
Make fine adjustment
of frequency using
variable capacitance
Trimmer capacitor
Fixed capacitor
*1.
Request a crystal manufacturer for a matching evaluation between the IC and the crystal oscillator. The
recommended crystal characteristic value is CL value (load capacitance) = 6 pF. When using the IC and a crystal
oscillator in the environment exceeding Ta =
+85°C, it is recomme
nded to ensure that the oscillation allowance is at least seven times at normal temperature.
*2.
The Cg value must be selected on the actual PCB since it is affected by parasitic capacitance. Select the
external Cg value in a range of 0 pF to 9.1 pF.
*3.
Adjust the rotation angle of the variable capacitance so that the capacitance value is slightly smaller than the
center, and confirm the oscillation frequency and the center value of the variable capacitance. This is done in
order to make the capacitance of the center value smaller than one half of the actual capacitance value because
a smaller capacitance value increases the frequency variation.
Figure 52 Crystal Oscillator Setting Flow
Caution 1. The oscillation frequency varies depending on the ambient temperature and power supply
voltage. Refer to " Characteristics (Typical Data)".
2. The 32.768 kHz crystal oscillator operates more slowly at an operating temperature higher or
lower than
+20°C to +25°C. Therefore, it is recommended to set the oscillator to operate
slightly faster at normal temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com