Electronic Components Datasheet Search
  English  ▼

X  

S35390A Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S35390A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35390A Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S35390A Datasheet HTML 1Page - Seiko Instruments Inc S35390A Datasheet HTML 2Page - Seiko Instruments Inc S35390A Datasheet HTML 3Page - Seiko Instruments Inc S35390A Datasheet HTML 4Page - Seiko Instruments Inc S35390A Datasheet HTML 5Page - Seiko Instruments Inc S35390A Datasheet HTML 6Page - Seiko Instruments Inc S35390A Datasheet HTML 7Page - Seiko Instruments Inc S35390A Datasheet HTML 8Page - Seiko Instruments Inc S35390A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
S-35390A H Series
www.sii-ic.com
FOR AUTOMOTIVE 105°C OPERATION
2-WIRE REAL-TIME CLOCK
© Seiko Instruments Inc., 2011-2015
Rev.2.2_00
Seiko Instruments Inc.
1
The S-35390A H Series is a 105
°C operation CMOS 2-wire real-time clock IC which operates with the very low current
consumption in the wide range of operation voltage. The operation voltage is 1.3 V to 5.5 V so that the S-35390A H Series
can be used for various power supplies from main supply to backup battery. Due to the 0.25
μA current consumption and wide
range of power supply voltage at time keeping, the S-35390A H Series makes the battery life longer. In the system which
operates with a backup battery, the included free registers can be used as the function for user's backup memory. Users
always can take back the information in the registers which is stored before power-off the main power supply, after the voltage
is restored.
The S-35390A H Series has the function to correct advance / delay of the clock data speed, in the wide range, which is
caused by the crystal oscillation circuit's frequency deviation. Correcting according to the temperature change by combining
this function and a temperature sensor, it is possible to make a high precise clock function which is not affected by the
ambient temperature.
Caution This product can be used in vehicle equipment and in-vehicle equipment. Before using the product in the
purpose, contact to SII is indispensable.
Features
• Low current consumption:
0.25
μA typ. (VDD = 3.0 V, Ta = +25°C)
• Wide range of operating voltage:
1.3 V to 5.5 V
• Built-in clock correction function
• Built-in free user register
• 2-wire (I
2C-bus) CPU interface
• Built-in alarm interrupter
• Built-in flag generator during detection of low power voltage or at power-on
• Auto calendar up to the year 2099, automatic leap year calculation function
• Built-in constant voltage circuit
• Built-in 32.768 kHz crystal oscillator (built-in Cd, external Cg)
• Operating temperature range:
Ta =
−40°C to +105°C
• Lead-free (Sn 100%), halogen-free
• AEC-Q100 qualified
*1
*1. Contact our sales office for details.
Packages
• 8-Pin SOP (JEDEC)
• 8-Pin TSSOP


Similar Part No. - S35390A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S35390A-H SII-S35390A-H Datasheet
2Mb / 51P
FOR AUTOMOTIVE 105째C OPERATION 2-WIRE REAL-TIME CLOCK
More results

Similar Description - S35390A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S24C16C SII-S24C16C Datasheet
488Kb / 35P
FOR AUTOMOTIVE 105C OPERATION
S24C08C SII-S24C08C Datasheet
500Kb / 35P
FOR AUTOMOTIVE 105C OPERATION
S25C010A SII-S25C010A Datasheet
408Kb / 33P
105C OPERATION
S25C080A SII-S25C080A Datasheet
425Kb / 31P
105C OPERATION
S93C46B SII-S93C46B Datasheet
474Kb / 34P
FOR AUTOMOTIVE 105C OPERATION
S93C76A SII-S93C76A Datasheet
418Kb / 28P
FOR AUTOMOTIVE 105C OPERATION
S93C86B SII-S93C86B Datasheet
381Kb / 28P
FOR AUTOMOTIVE 105C OPERATION
S19104 SII-S19104 Datasheet
2Mb / 40P
FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19611A SII-S19611A Datasheet
1Mb / 20P
MINI ANALOG SERIES FOR AUTOMOTIVE 105C OPERATION
S35190A SII-S35190A Datasheet
733Kb / 51P
FOR AUTOMOTIVE 105C OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com