Electronic Components Datasheet Search
  English  ▼

X  

S35720 Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S35720
Description  FOR AUTOMOTIVE 125C OPERATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35720 Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S35720 Datasheet HTML 1Page - Seiko Instruments Inc S35720 Datasheet HTML 2Page - Seiko Instruments Inc S35720 Datasheet HTML 3Page - Seiko Instruments Inc S35720 Datasheet HTML 4Page - Seiko Instruments Inc S35720 Datasheet HTML 5Page - Seiko Instruments Inc S35720 Datasheet HTML 6Page - Seiko Instruments Inc S35720 Datasheet HTML 7Page - Seiko Instruments Inc S35720 Datasheet HTML 8Page - Seiko Instruments Inc S35720 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
FOR AUTOMOTIVE 125°C OPERATION WITH INTERRUPT TIME SETTING PIN CONVENIENCE TIMER
S-35720 Series
Rev.1.0_00
Seiko Instruments Inc.
4
Pin Configuration
1. TMSOP-8
7
6
5
8
2
3
4
1
Top view
Figure 2
Table 3 List of Pins
Pin No.
Symbol
Description
I/O
Configuration
1
RST
_______
Input pin for
reset signal
Input
CMOS input
(With / without
Pull-up resistor is selectable)
2
XOUT
Connection pins for
crystal oscillator
−
−
3
XIN
4
VSS
GND pin
−
−
5
INT
Output pin for
interrupt signal
Output
Nch open-drain output /
CMOS output is selectable
6
SET0
Input pins for
interrupt time setting
Input
CMOS input
7
SET1
8
VDD
Pin for positive
power supply
−
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com