Electronic Components Datasheet Search
  English  ▼

X  

S35720 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S35720
Description  FOR AUTOMOTIVE 125C OPERATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35720 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S35720 Datasheet HTML 1Page - Seiko Instruments Inc S35720 Datasheet HTML 2Page - Seiko Instruments Inc S35720 Datasheet HTML 3Page - Seiko Instruments Inc S35720 Datasheet HTML 4Page - Seiko Instruments Inc S35720 Datasheet HTML 5Page - Seiko Instruments Inc S35720 Datasheet HTML 6Page - Seiko Instruments Inc S35720 Datasheet HTML 7Page - Seiko Instruments Inc S35720 Datasheet HTML 8Page - Seiko Instruments Inc S35720 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
S-35720 Series
www.sii-ic.com
FOR AUTOMOTIVE 125°C OPERATION
WITH INTERRUPT TIME SETTING PIN
CONVENIENCE TIMER
© Seiko Instruments Inc., 2015
Rev.1.0_00
Seiko Instruments Inc.
1
The convenience timer is a CMOS timer IC which operates with low current consumption, and is suitable for the time
management of the relative time.
The S-35720 Series compares the timer value and the value set to the SET0 pin and the SET1 pin, and outputs an interrupt
signal when the values match each other.
The timer is a 24-bit binary-up counter.
4 types of interrupt time can be selected depending on the SET0 pin and the SET1 pin settings.
Caution This product can be used in vehicle equipment and in-vehicle equipment. Before using the product in the
purpose, contact to SII is indispensable.
Features
• Alarm interrupt function:
Settable interrupt time
Selectable as the option on the second time scale from 1 second to 194 days
(Approximately half a year)
• Low current consumption:
0.2
μA typ. (Crystal oscillator: CL = 6 pF, VDD = 3.0 V, Ta = +25°C)
• Wide range of operation voltage:
1.8 V to 5.5 V
• Built-in 32.768 kHz crystal oscillation circuit
• Operation temperature range:
Ta =
−40°C to +125°C
• Lead-free (Sn 100%), halogen-free
• AEC-Q100 in process
*1
*1. Contact our sales office for details.
Application
• Time management of various systems during the sleep period
Package
• TMSOP-8


Similar Part No. - S35720

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S35710 SII-S35710 Datasheet
1Mb / 33P
FOR AUTOMOTIVE 125C OPERATION 2-WIRE
S35710M SII-S35710M Datasheet
2Mb / 29P
FOR AUTOMOTIVE 125째C OPERATION 2-WIRE BUILT-IN QUARTZ CRYSTAL CONVENIENCE TIMER
logo
ABLIC Inc.
S35710MA ABLIC-S35710MA Datasheet
665Kb / 29P
AUTOMOTIVE, 125°C OPERATION, 2-WIRE TIMER WITH BUILT-IN QUARTZ CRYSTAL
Rev.2.1_00
logo
Seiko Instruments Inc
S35730 SII-S35730 Datasheet
1Mb / 20P
FOR AUTOMOTIVE 125째C OPERATION CLOCK PULSE OUTPUT WITH FREQUENCY SETTING PIN CONVENIENCE TIMER
S35740 SII-S35740 Datasheet
2Mb / 31P
FOR AUTOMOTIVE 125째C OPERATION 2-WIRE INTERVAL TIMER CONVENIENCE TIMER
More results

Similar Description - S35720

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S25A128B SII-S25A128B Datasheet
435Kb / 26P
FOR AUTOMOTIVE 125C OPERATION
S25A010 SII-S25A010 Datasheet
509Kb / 35P
FOR AUTOMOTIVE 125C OPERATION
S25A640 SII-S25A640 Datasheet
507Kb / 32P
FOR AUTOMOTIVE 125C OPERATION
S57A1 SII-S57A1 Datasheet
273Kb / 15P
FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S57K1 SII-S57K1 Datasheet
281Kb / 15P
FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S19311 SII-S19311 Datasheet
1Mb / 39P
FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S19400 SII-S19400 Datasheet
1Mb / 29P
FOR AUTOMOTIVE 125C OPERATION LOW CURRENT CONSUMPTION
S19500 SII-S19500 Datasheet
1Mb / 52P
FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S19610A SII-S19610A Datasheet
782Kb / 18P
FOR AUTOMOTIVE 125C OPERATION CMOS OPERATIONAL AMPLIFIER
S35710 SII-S35710 Datasheet
1Mb / 33P
FOR AUTOMOTIVE 125C OPERATION 2-WIRE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com