Electronic Components Datasheet Search
  English  ▼

X  

S35720 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S35720
Description  FOR AUTOMOTIVE 125C OPERATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35720 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S35720 Datasheet HTML 7Page - Seiko Instruments Inc S35720 Datasheet HTML 8Page - Seiko Instruments Inc S35720 Datasheet HTML 9Page - Seiko Instruments Inc S35720 Datasheet HTML 10Page - Seiko Instruments Inc S35720 Datasheet HTML 11Page - Seiko Instruments Inc S35720 Datasheet HTML 12Page - Seiko Instruments Inc S35720 Datasheet HTML 13Page - Seiko Instruments Inc S35720 Datasheet HTML 14Page - Seiko Instruments Inc S35720 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
FOR AUTOMOTIVE 125°C OPERATION WITH INTERRUPT TIME SETTING PIN CONVENIENCE TIMER
Rev.1.0_00
S-35720 Series
Seiko Instruments Inc.
11
Power-on Detection Circuit
In order for the power-on detection circuit to operate normally, raise the power supply voltage of the IC from 0.2 V or lower
so that it reaches 1.8 V of the operation power supply voltage minimum value within 10 ms, as shown in Figure 12.
Within 10 ms
1.8 V
(Operation power
supply voltage min.)
0 V
*1
0.2 V or lower
*1. 0 V means that there is no potential difference between the VDD pin and the VSS pin of the S-35720 Series.
Figure 12 How to Raise the Power Supply Voltage
If the power supply voltage of the S-35720 Series cannot be raised under the above conditions, the power-on detection
circuit may not operate normally and an oscillation may not start
*1. In such case, perform the operations shown in
"1. When power supply voltage is raised at RST
_______
pin = "L" " and "2. When power supply voltage is raised at
RST
_______
pin = "H" ".
*1. When one-shot loop time-out or handshake time-out is selected as the option.
1. When power supply voltage is raised at RST
_______
pin = "L"
Set the RST
_______
pin to "L" until the power supply voltage reaches 1.8 V or higher. While the RST
_______
pin is set to "L", the
oscillation start signal becomes "H", and the oscillation circuit normally oscillates. If the RST
_______
pin is set to "H" after the
power supply voltage reaches 1.8 V, the oscillation start signal becomes "L" within 500 ms, and the oscillation status
is maintained.
The current consumption increases as mentioned below while the RST
_______
pin is set to "L".
• When the product without a pull-up resistor is selected:
1.7
μA typ.
• When the product with a pull-up resistor is selected:
30
μA typ.
0.2 V or lower
0 V*1
RST pin input
Oscillation start signal
Oscillation circuit output
10 ms
Oscillation start signal "H"
"L"
within 500 ms
1.8 V
(Operation power supply voltage min.)
*1. 0 V means that there is no potential difference between the VDD pin and the VSS pin of the S-35720 Series.
Figure 13 When Power Supply Voltage is Raised at RST
_______
Pin = "L"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com