Electronic Components Datasheet Search
  English  ▼

X  

S35720 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S35720
Description  FOR AUTOMOTIVE 125C OPERATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35720 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S35720 Datasheet HTML 4Page - Seiko Instruments Inc S35720 Datasheet HTML 5Page - Seiko Instruments Inc S35720 Datasheet HTML 6Page - Seiko Instruments Inc S35720 Datasheet HTML 7Page - Seiko Instruments Inc S35720 Datasheet HTML 8Page - Seiko Instruments Inc S35720 Datasheet HTML 9Page - Seiko Instruments Inc S35720 Datasheet HTML 10Page - Seiko Instruments Inc S35720 Datasheet HTML 11Page - Seiko Instruments Inc S35720 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
FOR AUTOMOTIVE 125°C OPERATION WITH INTERRUPT TIME SETTING PIN CONVENIENCE TIMER
S-35720 Series
Rev.1.0_00
Seiko Instruments Inc.
8
DC Electrical Characteristics
Table 7
(Ta =
−40°C to +125°C, VSS = 0 V unless otherwise specified)
(Crystal oscillator (NX3215SA, CL = 6 pF) manufactured by Nihon Dempa Kogyo Co., Ltd.)
Item
Symbol
Applied Pin
Condition
Min.
Typ.
Max.
Unit
Current
consumption 1
IDD1
−
VDD = 3.0 V,
Ta =
−40°C to +85°C,
RST
_______
pin = VDD,
INT pin = no load
−
0.2
0.35
μA
VDD = 3.0 V,
Ta =
+125°C,
RST
_______
pin = VDD,
INT pin = no load
−
0.7
0.95
μA
High level input
leakage current
IIZH
SET0, SET1, RST
_______
VIN = VDD
−0.5
−
0.5
μA
Low level input
leakage current
IIZL
SET0, SET1, RST
_______
*1
VIN = VSS
−0.5
−
0.5
μA
High level output
leakage current
IOZH
INT
*2
VOUT = VDD
−0.5
−
0.5
μA
Low level output
leakage current
IOZL
INT
*2
VOUT = VSS
−0.5
−
0.5
μA
High level input
voltage
VIH
SET0, SET1, RST
_______
−
0.7
× VDD
−
VSS
+ 5.5
V
Low level input
voltage
VIL
SET0, SET1, RST
_______
−
VSS
− 0.3
−
0.3
× VDD
V
High level output
voltage
*3
VOH
INT
IOH =
−0.4 mA
0.8
× VDD
−
−
V
Low level output
voltage
VOL
INT
IOL = 2.0 mA
−
−
0.4
V
Low level input
current
*4
IIL
RST
_______
VDD = 3.0 V,
VIN = VSS
−100
−30
−5
μA
*1. When the product without a pull-up resistor is selected.
*2. When Nch open-drain output is selected.
*3. When CMOS output is selected.
*4. When the product with a pull-up resistor is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com