Electronic Components Datasheet Search
  English  ▼

X  

S35720 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S35720
Description  FOR AUTOMOTIVE 125C OPERATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35720 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S35720 Datasheet HTML 8Page - Seiko Instruments Inc S35720 Datasheet HTML 9Page - Seiko Instruments Inc S35720 Datasheet HTML 10Page - Seiko Instruments Inc S35720 Datasheet HTML 11Page - Seiko Instruments Inc S35720 Datasheet HTML 12Page - Seiko Instruments Inc S35720 Datasheet HTML 13Page - Seiko Instruments Inc S35720 Datasheet HTML 14Page - Seiko Instruments Inc S35720 Datasheet HTML 15Page - Seiko Instruments Inc S35720 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
FOR AUTOMOTIVE 125°C OPERATION WITH INTERRUPT TIME SETTING PIN CONVENIENCE TIMER
S-35720 Series
Rev.1.0_00
Seiko Instruments Inc.
12
2. When power supply voltage is raised at RST
_______
pin = "H"
Set the RST
_______
pin to "L" after the power supply voltage reaches 1.8 V or higher. If the RST
_______
pin is set to "L" for 500 ms
or longer, the oscillation start signal becomes "H", and the oscillation circuit normally oscillates. After that, if the RST
_______
pin is set to "H", the oscillation start signal becomes "L" within 500 ms, and the oscillation status is maintained.
The current consumption increases as mentioned below while the RST
_______
pin is set to "L".
• When the product without a pull-up resistor is selected:
1.7
μA typ.
• When the product with a pull-up resistor is selected:
30
μA typ.
10 ms
0 V*1
1.8 V
0.2 V or lower
RST pin input
Oscillation start signal
Oscillation circuit output
(Operation power supply voltage min.)
Oscillation start signal
"H"
"L"
within 500 ms
*1. 0 V means that there is no potential difference between the VDD pin and the VSS pin of the S-35720 Series.
Figure 14 When Power Supply Voltage is Raised at RST
_______
Pin = "H"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com