Electronic Components Datasheet Search
  English  ▼

X  

S35720 Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S35720
Description  FOR AUTOMOTIVE 125C OPERATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35720 Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S35720 Datasheet HTML 13Page - Seiko Instruments Inc S35720 Datasheet HTML 14Page - Seiko Instruments Inc S35720 Datasheet HTML 15Page - Seiko Instruments Inc S35720 Datasheet HTML 16Page - Seiko Instruments Inc S35720 Datasheet HTML 17Page - Seiko Instruments Inc S35720 Datasheet HTML 18Page - Seiko Instruments Inc S35720 Datasheet HTML 19Page - Seiko Instruments Inc S35720 Datasheet HTML 20Page - Seiko Instruments Inc S35720 Datasheet HTML 21Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
FOR AUTOMOTIVE 125°C OPERATION WITH INTERRUPT TIME SETTING PIN CONVENIENCE TIMER
Rev.1.0_00
S-35720 Series
Seiko Instruments Inc.
17
Characteristics (Typical Data)
1. Current consumption 1 vs. Power supply voltage characteristics
2. Current consumption 1 vs. Temperature characteristics
Ta =
+25°C, CL = 6 pF
Ta =
+25°C, CL = 6 pF
6
0.0
1.0
0.8
0.6
0.4
0.2
4
2
0
VDD [V]
0.8
40 25
0
25
50
75
100 125
Ta [
C]
0.0
0.6
0.4
0.2
VDD = 5.0 V
VDD = 3.0 V
3. Crystal oscillator frequency vs. Power supply voltage characteristics
4. Crystal oscillator frequency vs. Temperature characteristics
Ta =
+25°C, CL = 6 pF
CL = 6 pF
6
20
20
10
0
10
4
2
0
VDD [V]
50
40 25
0
25
50
75
100 125
450
50
150
250
350
Ta [
C]
0
100
200
300
400
5. Low level output current vs. Output voltage characteristics
6. High level output current vs. VDD
− VOUT characteristics
INT pin, SDA pin, Ta =
+25°C
INT pin, Ta =
+25°C
CMOS output
6
0
70
4
2
0
VOUT [V]
60
50
40
30
20
10
VDD = 5.0 V
VDD = 3.0 V
6
25
0
4
2
0
VDD
 VOUT [V]
5
10
15
20
VDD = 3.0 V
VDD = 5.0 V
7. Low level input current vs. Power supply voltage characteristics
RST
_______
pin, Ta = +25°C
Product with pull-up resistor
60
0
4
2
0
30
40
50
20
10
VDD [V]
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com