Electronic Components Datasheet Search
  English  ▼

X  

S35720 Datasheet(PDF) 14 Page - Seiko Instruments Inc

Part # S35720
Description  FOR AUTOMOTIVE 125C OPERATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35720 Datasheet(HTML) 14 Page - Seiko Instruments Inc

Back Button S35720 Datasheet HTML 10Page - Seiko Instruments Inc S35720 Datasheet HTML 11Page - Seiko Instruments Inc S35720 Datasheet HTML 12Page - Seiko Instruments Inc S35720 Datasheet HTML 13Page - Seiko Instruments Inc S35720 Datasheet HTML 14Page - Seiko Instruments Inc S35720 Datasheet HTML 15Page - Seiko Instruments Inc S35720 Datasheet HTML 16Page - Seiko Instruments Inc S35720 Datasheet HTML 17Page - Seiko Instruments Inc S35720 Datasheet HTML 18Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
FOR AUTOMOTIVE 125°C OPERATION WITH INTERRUPT TIME SETTING PIN CONVENIENCE TIMER
S-35720 Series
Rev.1.0_00
Seiko Instruments Inc.
14
Examples of Application Circuit
VIN
VOUT
VSS
VR
VDD
VSS
SET1
RST
INT
XIN
XOUT
S-35720
VCC
VSS
12 V
CPU
SET0
S-19xxx
VCC
Figure 16
Caution
The above connection diagrams do not guarantee operation. Set the constants after performing
sufficient evaluation using the actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com