Electronic Components Datasheet Search
  English  ▼

X  

AMC7823IRTAT Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823IRTAT
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823IRTAT Datasheet(HTML) 33 Page - Texas Instruments

Back Button AMC7823IRTAT Datasheet HTML 29Page - Texas Instruments AMC7823IRTAT Datasheet HTML 30Page - Texas Instruments AMC7823IRTAT Datasheet HTML 31Page - Texas Instruments AMC7823IRTAT Datasheet HTML 32Page - Texas Instruments AMC7823IRTAT Datasheet HTML 33Page - Texas Instruments AMC7823IRTAT Datasheet HTML 34Page - Texas Instruments AMC7823IRTAT Datasheet HTML 35Page - Texas Instruments AMC7823IRTAT Datasheet HTML 36Page - Texas Instruments AMC7823IRTAT Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
I
O
Bufferand
ControlCircuit
V
SET
V
SET
R
SET
GREF
AVDD
+5V
ISET_RESISTOR
SREF
PREFB
PTS
Reference
Int./Ext.
AGND
AMC7823
PRECISION_I_OUTPUT
AMC7823
www.ti.com
SLAS453F – APRIL 2005 – REVISED MARCH 2012
PRECISION CURRENT SOURCE
The AMC7823 provides the user with a precision current source for driving an external component such as a
thermistor. Output current from pin 5 is set by the value of the resistor (RSET) connected from pin 4 to the analog
supply voltage. This resistor should be close to the AMC7823 to minimize any voltage drop from the analog
supply to the resistor. Internal closed-loop circuitry impresses a fixed voltage across the set resistor by means of
an operational amplifier and a PMOS-follower output driver. Current through the set resistor supplies the follower.
The follower driver supplies this current to the external load connected from PRECISION_I_OUTPUT (pin 5) to
ground. This circuit architecture maintains high output impedance and provides wide output voltage compliance.
See Figure 49.
Figure 49. Diagram of Current Source
In addition to the external setting resistor RSET, four logic bits—PTS and PREFB in the Power-Down Register and
SREF and GREF in the AMC Status/Configuration Register—are used to configure the current source as well.
Table 7 describes how to configure the current source.
The bit PTS is the current source power-down bit. When PTS is cleared to '0', the current source is in power-
down mode, and the output current is zero. When PTS is set to '1' and PREFB is set to '1', the current source is
in normal operation.
Bit SREF is the reference source selection bit. When SREF is cleared, the internal reference is selected. When
SREF is set to '1', the internal reference is de-selected. Set SREF = '1' when an external reference is applied.
GREF is the internal reference gain bit. PREFB is the Reference Buffer Amplifier Power-Down bit. Both bits
provide information to the current source circuit, and affect the current source configuration.
If the internal reference is used, and no external reference is applied to pin 21, the output current is 0.5V/RSET
(VSET = 0.5V) or zero, depending on bits PREFB and GREF, as shown in Table 7.
For a precise calculation, measure the voltage across the set resistor (VSET) and divide it by the precise value of
RSET.
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): AMC7823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com