Electronic Components Datasheet Search
  English  ▼

X  

AMC7823IRTAT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823IRTAT
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823IRTAT Datasheet(HTML) 14 Page - Texas Instruments

Back Button AMC7823IRTAT Datasheet HTML 10Page - Texas Instruments AMC7823IRTAT Datasheet HTML 11Page - Texas Instruments AMC7823IRTAT Datasheet HTML 12Page - Texas Instruments AMC7823IRTAT Datasheet HTML 13Page - Texas Instruments AMC7823IRTAT Datasheet HTML 14Page - Texas Instruments AMC7823IRTAT Datasheet HTML 15Page - Texas Instruments AMC7823IRTAT Datasheet HTML 16Page - Texas Instruments AMC7823IRTAT Datasheet HTML 17Page - Texas Instruments AMC7823IRTAT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
2.7
2.85
3.0
3.15
3.3
3V Supply Voltage (V)
12.0
8.0
4.0
0
−4.0
−8.0
−12.0
Gain
Offset
V
REF = 1.25V
2.7
2.85
3.0
3.15
3.3
3V Supply Voltage (V)
1.0
0.8
0.6
0.4
0.2
0
Gain Match
Offset Match
V
REF = 1.25V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
AV
DD Voltage (V)
2.5004
2.5002
2.5000
2.4998
2.4996
2.4994
2.4992
2.4990
1.2504
1.2502
1.2500
1.2498
1.2496
1.2494
1.2492
1.2490
2.5V
REF
1.25V
REF
−60
−40
−20
0
20
40
60
80
100
Temperature (
_C)
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
−2.5
−3.0
−3.5
−4.0
2.5V
REF
1.25V
REF
AV
DD = 5V or 3V
AMC7823
SLAS453F – APRIL 2005 – REVISED MARCH 2012
www.ti.com
TYPICAL CHARACTERISTICS: ANALOG-TO-DIGITAL CONVERTER (ADC) (continued)
At +25°C, AVDD = DVDD = 5V, unless otherwise noted.
GAIN AND OFFSET ERROR
GAIN AND OFFSET ERROR MATCH
vs
vs
3V SUPPLY
3V SUPPLY
Figure 15.
Figure 16.
INTERNAL REFERENCES
2.5V AND 1.25V INTERNAL REFERENCES
vs AVDD VOLTAGE
vs TEMPERATURE
Figure 17.
Figure 18.
14
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Link(s): AMC7823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com