Electronic Components Datasheet Search
  English  ▼

X  

AMC7823IRTAT Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823IRTAT
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823IRTAT Datasheet(HTML) 27 Page - Texas Instruments

Back Button AMC7823IRTAT Datasheet HTML 23Page - Texas Instruments AMC7823IRTAT Datasheet HTML 24Page - Texas Instruments AMC7823IRTAT Datasheet HTML 25Page - Texas Instruments AMC7823IRTAT Datasheet HTML 26Page - Texas Instruments AMC7823IRTAT Datasheet HTML 27Page - Texas Instruments AMC7823IRTAT Datasheet HTML 28Page - Texas Instruments AMC7823IRTAT Datasheet HTML 29Page - Texas Instruments AMC7823IRTAT Datasheet HTML 30Page - Texas Instruments AMC7823IRTAT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
Yes
No
No
No
(2)
No
[ADR]+1
Yes
(3)
Direct-Mode
ADCinidle
Waitingnewtrigger
Auto-Mode,
InternalTriggeronly
SetDAVFbit;
Auto-Mode
(4)
Update ADC-n
DataRegister
Yes
Yes
NewADCConversionTrigger
ClearDAVFbitinAMC
Status/ConfigurationRegister
ClearallALR- inALRRegister
n
Set[ADR]=[SA]
(1)
Sample
Convert
Update ADC- TMPRY
n
Register
Firstfourchannels?
Out-of-range?
[ADR]>[EA]?
(1)
Drive
PinLow
GALR
SetALR- BitinALRRegister
n
Apply2- sPulse(Low)
toPin
m
DAV
Drive
PinLow
DAV
AMC7823
www.ti.com
SLAS453F – APRIL 2005 – REVISED MARCH 2012
The bit GREF in the AMC Status/Configuration Register selects between two preset internal reference values.
When GREF = '0' (power-up default condition), the internal reference is set to 1.25V. When GREF = '1', the
internal reference is 2.5V. GREF must be cleared to '0' when the power supply is less than 5V.
When an external reference is applied, the input range is 0 to 2 × VREF, and is not affected by the bit GREF. In
this case, ideally SREF has been set to '1' and the internal reference is disconnected. This condition is preferred
for operating the AMC7823. If SREF = '0', the external reference overrides the internal reference, provided it can
accommodate a 10k
Ω load. To avoid input saturation, the external reference must not be greater than 2.5V when
the analog power supply is 5V, and must not be greater than 1.25V when the supply is 3V.
Figure 45 illustrates the ADC operation.
(1)
[SA] represents the first input channel, [EA] represents the last input channel. [ADR] represents the current input
channel. [SA3:SA0] is the address of [SA]. [EA3:EA0] is the address of [EA].
(2)
GALR pin goes high and bits ALR-n are cleared after new ADC Conversion trigger.
(3)
After reading the ADC Data Register, bit DAVF is cleared, and the DAV pin goes high.
(4)
In Auto-mode, bit DAVF is always cleared.
Figure 45. ADC Operation Flow Chart
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): AMC7823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com