Electronic Components Datasheet Search
  English  ▼

X  

AMC7823IRTAT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823IRTAT
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823IRTAT Datasheet(HTML) 4 Page - Texas Instruments

  AMC7823IRTAT Datasheet HTML 1Page - Texas Instruments AMC7823IRTAT Datasheet HTML 2Page - Texas Instruments AMC7823IRTAT Datasheet HTML 3Page - Texas Instruments AMC7823IRTAT Datasheet HTML 4Page - Texas Instruments AMC7823IRTAT Datasheet HTML 5Page - Texas Instruments AMC7823IRTAT Datasheet HTML 6Page - Texas Instruments AMC7823IRTAT Datasheet HTML 7Page - Texas Instruments AMC7823IRTAT Datasheet HTML 8Page - Texas Instruments AMC7823IRTAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
AMC7823
SLAS453F – APRIL 2005 – REVISED MARCH 2012
www.ti.com
ELECTRICAL CHARACTERISTICS: +5V (continued)
At –40°C to +85°C, AVDD = 5V, DVDD = 5V, BVDD = 3V to 5V, using external 2.5V reference, unless otherwise noted.
AMC7823
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PRECISION CURRENT SOURCE
Output current range
0.01
10
mA
Output current accuracy
Iout = 100μA
99.5
100.0
100.5
μA
Output current drift
Iout = 100μA
40
ppm/°C
Output impedance
Iout = 100μA
100
M
Ω
Compliance voltage of pin
Iout = 10mA
3
4.25
V
PRECISION_I_OUTPUT
Power-supply rejection ratio
60
dB
VOLTAGE REFERENCE (VREF)
Internal reference voltage(5)
At +25°C
2.495
2.50
2.505
V
Internal reference drift
–40°C to +85°C
±15
ppm/°C
Output impedance of pin EXT_REF_IN
10
k
Ω
as internal reference output
Short-circuit current
250
μA
External reference voltage
1.20
2.55
V
Internal reference selected
10
k
Ω
External reference input resistance
Internal reference de-selected
1
M
Ω
External reference input capacitance
5
pF
TEMPERATURE SENSOR
Temperature range
–40
+85
°C
VREF = 2.5V
+3.2
°C
Resolution
VREF = 1.25V
+1.6
°C
VREF = 2.5V
±4
°C
Accuracy
VREF = 1.25V
±2.0
°C
LEVEL OF PIN GALR AND DAV
IOH = 0.7mA
2.4
BVDD
V
IOL = 180μA
0
0.4
V
DIGITAL INPUT/OUTPUT, EXCEPT PIN GALR AND DAV
VIH
BVDD = 5V, IIH = 5μA
3.5
BVDD + 0.3
V
VIL
BVDD = 5V, IIL = –5μA
0
0.8
V
Logic level
VOH
BVDD = 5V, IOH = –3mA
4
BVDD
V
VOL
BVDD = 5V, IOL = 3mA
0
0.4
V
VIH
BVDD = 3V, IIH = 5μA
2.1
BVDD + 0.3
V
VIL
BVDD = 3V, IIL = –5μA
0
0.6
V
Logic level
VOH
BVDD = 3V, IOH = –3mA
2.4
BVDD
V
VOL
BVDD = 3V, IOL = 3mA
0
0.4
V
Input capacitance
5
pF
(5)
Bit GREF in AMC Status/Configuration Register determines the internal reference voltage. The internal VREF = 2.5V when GREF = 1,
and the internal VREF = 1.25V when GREF = 0 (see AMC Status/Configuration Register for details).
4
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Link(s): AMC7823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com