Electronic Components Datasheet Search
  English  ▼

X  

AMC7823IRTAT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823IRTAT
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823IRTAT Datasheet(HTML) 20 Page - Texas Instruments

Back Button AMC7823IRTAT Datasheet HTML 16Page - Texas Instruments AMC7823IRTAT Datasheet HTML 17Page - Texas Instruments AMC7823IRTAT Datasheet HTML 18Page - Texas Instruments AMC7823IRTAT Datasheet HTML 19Page - Texas Instruments AMC7823IRTAT Datasheet HTML 20Page - Texas Instruments AMC7823IRTAT Datasheet HTML 21Page - Texas Instruments AMC7823IRTAT Datasheet HTML 22Page - Texas Instruments AMC7823IRTAT Datasheet HTML 23Page - Texas Instruments AMC7823IRTAT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
AMC7823
SLAS453F – APRIL 2005 – REVISED MARCH 2012
www.ti.com
APPLICATION INFORMATION
DIGITAL INTERFACE
The AMC7823 communicates through a standard SPI bus. The SPI allows full-duplex, synchronous, serial
communication between a host processor (the master) and peripheral devices (slaves). The SPI master
generates the synchronizing clock and initiates transmissions. SPI slave devices, such as the AMC7823, depend
on a master to start and synchronize transmissions.
A transmission begins when initiated by an SPI master. A word from the master is shifted into the AMC7823
through the MOSI pin under the control of the master serial clock, SCLK. A word from an AMC7823 register is
shifted out from the MISO pin under the control of SCLK as well.
The idle state of the serial clock for the AMC7823 is low, which corresponds to a clock polarity setting of 0
(typical microprocessor SPI control bit CPOL = '0'). The AMC7823 interface is designed with a clock phase
setting of 1 (typical microprocessor SPI control bit CPHA = '1'). In both the master and the slave, data are shifted
out on the rising edge of SCLK and sampled on the falling edge of SCLK where data are stable. The master
begins driving the MOSI pin on the first rising edge of SCLK after SS is activated (low).
To write data into AMC7823, the host activates the slave select signal (SS = low) and issues a WRITE command
to start the data transmission. The AMC7823 always interprets the first word (from the host) immediately
following the falling edge of SS signal as a command. The data to be written into the AMC7823 follow the
command. The slave select pin (SS) must remain low until all data are transmitted (see Figure 39). Otherwise,
the WRITE operation is terminated. Likewise, to read data from AMC7823, the host activates the slave select
signal and sends a READ command. The AMC7823 then sends data out through the MISO pin under the control
of SCLK. The slave select pin must remain low until all data are shifted out (see Figure 39). Otherwise, the
transmission is terminated, and all remaining data (if any) are ignored.
When the operation is terminated, the master must issue a new command to start a new operation.
All registers in the AMC7823 are 16-bit. It takes 16 clock pulses of SCLK to transfer one data or command word.
All data are transferred into (or out of) the AMC7823 through an internal serial-parallel (parallel-serial) register. If
SS is deactivated (that is, goes high) before the 16th clock finishes, the incomplete transfer is terminated
immediately and the data being transferred are ignored. In a write operation, the data are not written into the
AMC7823 register. In a read operation, the remaining data bits are not shifted out, and the data must be ignored.
AMC7823 COMMUNICATION PROTOCOL
With the exception of two external trigger pins, an external RESET pin, and an external current setting resistor,
the AMC7823 is entirely controlled by registers. Reading from and writing to these registers is accomplished by
issuing a 16-bit command word followed immediately by data for a single register or for a range of registers. This
command word is constructed as shown in the Command Format table. The data word(s) format for the target
register(s) are illustrated in subsequent pages of this document.
Command Format
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MSB
LSB
R/W
X
PG1
PG0
X
SADR
SADR
SADR
SADR
SADR
X
EADR
EADR
EADR
EADR
EADR
4
3
2
1
0
4
3
2
1
0
X : Don't Care
Where:
R/W: Data flow direction bit.
R/W = '1'. Read operation. Data are transferred from AMC7823 to the host.
R/W = '0'. Write operation. Data are transferred from the host to AMC7823.
PG1 – PG0: Memory page of addressed register(s) (see Table 1).
SADR4 – SADR0: Starting address of register(s) on selected page.
EADR4 – EADR0: Ending address of register(s) on selected page.
20
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Link(s): AMC7823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com