Electronic Components Datasheet Search
  English  ▼

X  

AMC7823IRTAT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823IRTAT
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823IRTAT Datasheet(HTML) 1 Page - Texas Instruments

  AMC7823IRTAT Datasheet HTML 1Page - Texas Instruments AMC7823IRTAT Datasheet HTML 2Page - Texas Instruments AMC7823IRTAT Datasheet HTML 3Page - Texas Instruments AMC7823IRTAT Datasheet HTML 4Page - Texas Instruments AMC7823IRTAT Datasheet HTML 5Page - Texas Instruments AMC7823IRTAT Datasheet HTML 6Page - Texas Instruments AMC7823IRTAT Datasheet HTML 7Page - Texas Instruments AMC7823IRTAT Datasheet HTML 8Page - Texas Instruments AMC7823IRTAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
Out-of-Range
Alarm
Range
Threshold
ADC
AnalogInputSignalGround
TEMP
CH8
Ext.Ref_IN
Current_SettingResistor
Precision_Current
ADC Trigger
(External/Internal)
ChannelSelect
DAC-7
DAC-0
Sync.Load
(Ext./Internal)
Reference
DAC7_OUT
DAC0_OUT
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
On-Chip
Temperature
Sensor
Serial-ParallelShiftReg
SPIInterface
Registersand
ControlLogic
AMC7823
www.ti.com
SLAS453F – APRIL 2005 – REVISED MARCH 2012
ANALOG MONITORING AND CONTROL CIRCUIT
Check for Samples: AMC7823
1
FEATURES
APPLICATIONS
23
•
12-Bit ADC (200kSPS):
•
Communications Equipment
–
Eight Analog Inputs
•
Optical Networks
–
Input Range 0 to 2 × VREF
•
Automatic Test Equipment
•
Programmable VREF, 1.25V or 2.5V
•
Industrial Control and Monitor
•
Eight 12-Bit DACs (2
μs Settling Time)
•
Medical Equipment
•
Four Analog Input Out-of-Range Alarms
DESCRIPTION
•
Six General-Purpose Digital I/O
The AMC7823 is a complete analog monitoring and
•
Internal Bandgap Reference
control circuit that includes an 8-channel, 12-bit
•
On-Chip Temperature Sensor
analog-to-digital converter (ADC), eight 12-bit digital-
to-analog converters (DACs), four analog input out-of-
•
Precision Current Source
range alarms, and six GPIOs to monitor analog
•
SPI™ Interface, 3V or 5V Logic Compatible
signals and control external devices. Also, the
•
Single 3V to 5V Supply
AMC7823 has an internal sensor to monitor chip
temperature, and a precision current source to drive
•
Power-Down Mode/Low Power
remote thermistors, or RTDs, to monitor remote
•
Small Package (QFN-40, 6 x 6 mm)
temperatures.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AMC7823IRTAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7823IRTAT TI-AMC7823IRTAT Datasheet
1Mb / 48P
ANALOG MONITORING AND CONTROL CIRCUIT
More results

Similar Description - AMC7823IRTAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
ANALOG MONITORING AND CONTROL CIRCUIT
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
ANALOG MONITORING AND CONTROL
logo
Burr-Brown (TI)
AMC6821 BURR-BROWN-AMC6821 Datasheet
712Kb / 47P
Analog Monitor and Control Circuit
logo
Maxim Integrated Produc...
DS1865 MAXIM-DS1865 Datasheet
530Kb / 66P
PON Triplexer Control and Monitoring Circuit
Rev 0; 3/07
DS1865 MAXIM-DS1865_09 Datasheet
522Kb / 67P
PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
logo
Texas Instruments
ADS131E04 TI1-ADS131E04 Datasheet
1Mb / 56P
Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08IPAGR TI1-ADS131E08IPAGR Datasheet
1Mb / 60P
Analog Front-End for Power Monitoring, Control, and Protection
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
ANALOG MONITORING AND CONTROL
logo
Analog Devices
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
Control and monitoring
Rev. C
AD5593R AD-AD5593R Datasheet
986Kb / 34P
Control and monitoring
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com