Electronic Components Datasheet Search
  English  ▼

X  

AMC7823IRTAT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7823IRTAT
Description  ANALOG MONITORING AND CONTROL CIRCUIT
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7823IRTAT Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC7823IRTAT Datasheet HTML 4Page - Texas Instruments AMC7823IRTAT Datasheet HTML 5Page - Texas Instruments AMC7823IRTAT Datasheet HTML 6Page - Texas Instruments AMC7823IRTAT Datasheet HTML 7Page - Texas Instruments AMC7823IRTAT Datasheet HTML 8Page - Texas Instruments AMC7823IRTAT Datasheet HTML 9Page - Texas Instruments AMC7823IRTAT Datasheet HTML 10Page - Texas Instruments AMC7823IRTAT Datasheet HTML 11Page - Texas Instruments AMC7823IRTAT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
NOTE:(1)Thermalpadmustbeconnectedtotheanalogground;refertothepackagedrawingformoreinformation.
CH7
CH6
CH5
CH4
AVDD
AGND
CH3
CH2
CH1
CH0
CONVERT
SCLK
MOSI
MISO
SS
BVDD
DVDD
DGND
GPIO−4
GPIO−5
31
32
33
34
35
36
37
38
39
40
20
19
18
17
16
15
14
13
12
11
28
29
30
27 26 25 24 23 22 21
3
2
1
4
5
6
7
8
9
10
AMC7823
ThermalPad
(1)
AMC7823
SLAS453F – APRIL 2005 – REVISED MARCH 2012
www.ti.com
PIN CONFIGURATION
RTA PACKAGE
QFN-40
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NO.
NAME
Global analog input out-of-range alarm. GALR pin goes low (active) when one (or more) of the first
1
GALR
four accessed analog inputs is out of preset range.
Data available indicator. In the direct mode, DAV pin goes low (active) when the conversion finishes.
2
DAV
In Auto-mode, a 2
μs pulse (active low) appears on this pin when conversion cycle finishes (see ADC
Operation and Registers for details). DAV stays high when deactivated.
External DAC synchronous load trigger. DACs that have external synchronous load selected are
3
ELDAC
updated simultaneously by the rising edge of ELDAC.
The resistor connected from analog supply to this pin sets the current output from the pin
4
ISET_RESISTOR
PRECISION_I_OUTPUT.
5
PRECISION_I_OUTPUT
Current output to drive a thermistor.
6
DAC 0_OUT
Output of DAC 0
7
DAC 1_OUT
Output of DAC 1
8
DAC 2_OUT
Output of DAC 2
9
DAC 3_OUT
Output of DAC 3
Analog input signal ground. This pin must connect to the ground of the analog input source in order
10
SGND
to minimize digital noise.
8
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Link(s): AMC7823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com