Electronic Components Datasheet Search
  English  ▼

X  

LM3224 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3224
Description  LM3224 615kHz/1.25MHz Step-up PWM DC/DC Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3224 Datasheet(HTML) 4 Page - Texas Instruments

  LM3224 Datasheet HTML 1Page - Texas Instruments LM3224 Datasheet HTML 2Page - Texas Instruments LM3224 Datasheet HTML 3Page - Texas Instruments LM3224 Datasheet HTML 4Page - Texas Instruments LM3224 Datasheet HTML 5Page - Texas Instruments LM3224 Datasheet HTML 6Page - Texas Instruments LM3224 Datasheet HTML 7Page - Texas Instruments LM3224 Datasheet HTML 8Page - Texas Instruments LM3224 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LM3224
SNVS277C – DECEMBER 2004 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2) (2)
VIN
7.5V
SW Voltage
21V
FB Voltage (3)
7V
VC Voltage
(4)
1.26V ± 0.3V
SHDN Voltage
7.5V
FSLCT
7.5V
Maximum Junction Temperature
150°C
Power Dissipation(5)
Internally Limited
Lead Temperature
300°C
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
ESD Susceptibility (6)
Human Body Model
2kV
Machine Model
200V
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications
(2)
Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the
device is intended to be functional, but device parameter specifications may not be ensured. For ensured specifications and test
conditions, see the Electrical Characteristics().
(3)
The FB pin should never exceed VIN.
(4)
Under normal operation the VC pin may go to voltages above this value. This maximum rating is for the possibility of a voltage being
applied to the pin, however the VC pin should never have a voltage directly applied to it.
(5)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using: PD (MAX) = (TJ(MAX) − TA)/θJA. Exceeding the maximum allowable power dissipation will cause excessive die temperature, and
the regulator will go into thermal shutdown.
(6)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF
capacitor discharged directly into each pin.
Operating Conditions
Operating Junction Temperature Range
−40°C to +125°C
Storage Temperature
−65°C to +150°C
Supply Voltage
2.7V to 7V
Maximum Output Voltage
20V
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM3224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com