Electronic Components Datasheet Search
  English  ▼

X  

LM3224 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3224
Description  LM3224 615kHz/1.25MHz Step-up PWM DC/DC Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3224 Datasheet(HTML) 1 Page - Texas Instruments

  LM3224 Datasheet HTML 1Page - Texas Instruments LM3224 Datasheet HTML 2Page - Texas Instruments LM3224 Datasheet HTML 3Page - Texas Instruments LM3224 Datasheet HTML 4Page - Texas Instruments LM3224 Datasheet HTML 5Page - Texas Instruments LM3224 Datasheet HTML 6Page - Texas Instruments LM3224 Datasheet HTML 7Page - Texas Instruments LM3224 Datasheet HTML 8Page - Texas Instruments LM3224 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LM3224
RFB1
L
CC
D
RC
CIN
COUT
RFB2
SW
5
FB
2
GND
4
VC
VOUT
VIN
Battery or
Power Source
SS
8
CSS
Optional
FSLCT
VIN
6
7
SHDN
3
1
LM3224
www.ti.com
SNVS277C – DECEMBER 2004 – REVISED MARCH 2013
LM3224 615kHz/1.25MHz Step-up PWM DC/DC Converter
Check for Samples: LM3224
1
FEATURES
DESCRIPTION
The LM3224 is a step-up DC/DC converter with a
2
•
Operating Voltage Range of 2.7V to 7V
0.15
Ω (typ.), 2.45A (typ.) internal switch and pin
•
615kHz/1.25MHz Pin Selectable Frequency
selectable operating frequency. With the ability to
Operation
convert 3.3V to multiple outputs of 8V, -8V, and 23V,
•
Over Temperature Protection
the LM3224 is an ideal part for biasing TFT displays.
With the high current switch it is also ideal for driving
•
Optional Soft-Start Function
high current white LEDs for flash applications. The
•
8-Lead VSSOP Package
LM3224 can be operated at switching frequencies of
615kHz and 1.25MHz allowing for easy filtering and
APPLICATIONS
low noise. An external compensation pin gives the
user flexibility in setting frequency compensation,
•
TFT Bias Supplies
which makes possible the use of small, low ESR
•
Handheld Devices
ceramic capacitors at the output. An external soft-
•
Portable Applications
start pin allows the user to control the amount of
inrush current during start up. The LM3224 is
•
GSM/CDMA Phones
available in a low profile 8-lead VSSOP package.
•
Digital Cameras
•
White LED Flash/Torch Applications
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3224

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3224 NSC-LM3224 Datasheet
920Kb / 18P
615kHz/1.25MHz Step-up PWM DC/DC Converter
LM3224 NSC-LM3224 Datasheet
917Kb / 18P
615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM3224 TI1-LM3224 Datasheet
1Mb / 26P
615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM3224MM-ADJ NSC-LM3224MM-ADJ Datasheet
920Kb / 18P
615kHz/1.25MHz Step-up PWM DC/DC Converter
LM3224MM-ADJ NSC-LM3224MM-ADJ Datasheet
917Kb / 18P
615kHz/1.25MHz Step-up PWM DC/DC Converter
More results

Similar Description - LM3224

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM3224 NSC-LM3224 Datasheet
920Kb / 18P
615kHz/1.25MHz Step-up PWM DC/DC Converter
LM2700 NSC-LM2700_04 Datasheet
512Kb / 17P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM3224 NSC-LM3224_05 Datasheet
917Kb / 18P
615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM3224 TI1-LM3224 Datasheet
1Mb / 26P
615kHz/1.25MHz Step-up PWM DC/DC Converter
LM2700Q-Q1 TI-LM2700Q-Q1_15 Datasheet
1Mb / 25P
LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI-LM2700_15 Datasheet
1Mb / 26P
LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com