Electronic Components Datasheet Search
  English  ▼

X  

LM3224 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM3224
Description  LM3224 615kHz/1.25MHz Step-up PWM DC/DC Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3224 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3224 Datasheet HTML 15Page - Texas Instruments LM3224 Datasheet HTML 16Page - Texas Instruments LM3224 Datasheet HTML 17Page - Texas Instruments LM3224 Datasheet HTML 18Page - Texas Instruments LM3224 Datasheet HTML 19Page - Texas Instruments LM3224 Datasheet HTML 20Page - Texas Instruments LM3224 Datasheet HTML 21Page - Texas Instruments LM3224 Datasheet HTML 22Page - Texas Instruments LM3224 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
2.9V - 4.2V
LM3224
L
10 PH
CC
1 nF
D
RC
30k
CIN
22 PF
COUT
22 PF
ceramic
30k
SHDN
3
VIN
6
SW
5
FSLCT
7
FB
2
GND
4
VC
1
Battery or
Power Source
SS
8
160k
8V, 500mA
CC2
68 pF
2.7V - 4.2V
LM3224
L
4.7 PH
CC
1 nF
D
RC
20k
CIN
22 PF
COUT
10 PF
ceramic
6.98k
SHDN
3
VIN
6
SW
5
FSLCT
7
FB
2
GND
4
VC
1
Battery or
Power Source
SS
8
20.5k
5V, 650 mA
LM3224
www.ti.com
SNVS277C – DECEMBER 2004 – REVISED MARCH 2013
Table 3. Some Recommended Input And Output Capacitors (Others May Be
Used)
Manufacturer
Capacitor
Contact Information
Vishay Sprague
293D, 592D, and 595D series tantalum
www.vishay.com
407-324-4140
Taiyo Yuden
High capacitance MLCC ceramic
www.t-yuden.com
408-573-4150
ESRD seriec Polymer Aluminum Electrolytic
Cornell Dubilier
www.cde.com
SPV and AFK series V-chip series
MuRata
High capacitance MLCC ceramic
www.murata.com
Figure 26. 1.25MHz, 5V Output
Figure 27. 1.25MHz, 8V Output
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com