Electronic Components Datasheet Search
  English  ▼

X  

LM3224 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3224
Description  LM3224 615kHz/1.25MHz Step-up PWM DC/DC Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3224 Datasheet(HTML) 5 Page - Texas Instruments

  LM3224 Datasheet HTML 1Page - Texas Instruments LM3224 Datasheet HTML 2Page - Texas Instruments LM3224 Datasheet HTML 3Page - Texas Instruments LM3224 Datasheet HTML 4Page - Texas Instruments LM3224 Datasheet HTML 5Page - Texas Instruments LM3224 Datasheet HTML 6Page - Texas Instruments LM3224 Datasheet HTML 7Page - Texas Instruments LM3224 Datasheet HTML 8Page - Texas Instruments LM3224 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LM3224
www.ti.com
SNVS277C – DECEMBER 2004 – REVISED MARCH 2013
Electrical Characteristics
(1)
Specifications in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating
Temperature Range ( TJ = −40°C to +125°C). VIN = 2.7V, FSLCT = SHDN = VIN, and IL = 0A, unless otherwise specified.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
IQ
Quiescent Current
FB = 2V (Not Switching)
1.3
2.0
mA
VSHDN = 0V
0.1
2.0
µA
VFB
Feedback Voltage
1.2285
1.26
1.2915
V
ICL
(3)
Switch Current Limit
VIN = 2.7V
(4)
1.9
2.45
2.8
VIN = 3V, VOUT = 8V
2.1
A
VIN = 3V, VOUT = 5V
2.2
%VFB/ΔVIN
Feedback Voltage Line
2.7V
≤ VIN ≤ 7V
0.085
0.15
%/V
Regulation
IB
FB Pin Bias Current (5)(6)
35
250
nA
ISS
SS Pin Current
7.5
11
13
µA
VSS
SS Pin Voltage
1.2090
1.2430
1.2622
VIN
Input Voltage Range
2.7
7
V
gm
Error Amp Transconductance
ΔI = 5µA
40
87
135
µmho
AV
Error Amp Voltage Gain
78
V/V
DMAX
Maximum Duty Cycle
85
92.5
%
fS
Switching Frequency
FSLCT = Ground
450
615
750
kHz
FSLCT = VIN
0.9
1.25
1.5
MHz
ISHDN
Shutdown Pin Current
VSHDN = 2.7V
2.4
5.0
µA
VSHDN = 0.3V
0.3
1.2
IL
Switch Leakage Current
VSW = 20V
0.2
8.0
µA
RDSON
Switch RDSON
VIN = 2.7V, ISW = 1A
0.15
0.4
Ω
ThSHDN
Shutdown Threshold
Output High
1.2
0.8
V
Output Low
0.8
0.3
V
UVP
On Threshold
2.3
2.5
V
Off Threshold
2.6
2.7
V
(1)
All limits ensured at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are
100% production tested. All limits at temperature extremes are ensured via correlation using standard Statistical Quality Control (SQC)
methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
Duty cycle affects current limit due to ramp generator.
(4)
Current limit at 0% duty cycle. See Typical Performance Characteristics for Switch Current Limit vs. VIN
(5)
Bias current flows into FB pin.
(6)
The FB pin should never exceed VIN.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com