Electronic Components Datasheet Search
  English  ▼

X  

LM3224 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM3224
Description  LM3224 615kHz/1.25MHz Step-up PWM DC/DC Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3224 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3224 Datasheet HTML 12Page - Texas Instruments LM3224 Datasheet HTML 13Page - Texas Instruments LM3224 Datasheet HTML 14Page - Texas Instruments LM3224 Datasheet HTML 15Page - Texas Instruments LM3224 Datasheet HTML 16Page - Texas Instruments LM3224 Datasheet HTML 17Page - Texas Instruments LM3224 Datasheet HTML 18Page - Texas Instruments LM3224 Datasheet HTML 19Page - Texas Instruments LM3224 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
:
RFB2
=
RFB1
1.26
VOUT - 1.26
LM3224
RFB1
160k
L
10 PH
CC
1 nF
D1
RC
30k
COUT1
10 PF
RFB2
30k
SHDN
3
VIN
6
SW
5
FSLCT
7
GND
4
VC
1
C1
4.7 PF
D3
C2
4.7 PF
D2
-8V
8V
VIN = 2.7V - 5.5V
CIN
22 PF
COUT2
10 PF
D6
C6
1 PF
D5
C4
1 PF
C5
1 PF
D4
D7
C7
1 PF
23V
SS
8
CSS
CC2
68 pF
LM3224
SNVS277C – DECEMBER 2004 – REVISED MARCH 2013
www.ti.com
APPLICATION INFORMATION
Figure 23. Triple Output TFT Bias (615 kHz operation)
TRIPLE OUTPUT TFT BIAS
The circuit in Figure 23 shows how the LM3224 can be configured to provide outputs of 8V,
−8V, and 23V,
convenient for biasing TFT displays. The 8V output is regulated, while the
−8V and 23V outputs are unregulated.
The 8V output is generated by a typical boost topology. The basic operation of the boost converter is described
in the OPERATION section. The output voltage is set with RFB1 and RFB2 by:
(22)
The compensation network of RC and CC are chosen to optimally stabilize the converter. The inductor also
affects the stability. When operating at 615 kHz, a 10uH inductor is recommended to insure the converter is
stable at duty cycles greater than 50%. Refer to the COMPENSATION section for more information.
The -8V output is derived from a diode inverter. During the second cycle, when the transistor is open, D2
conducts and C1 charges to 8V minus a diode drop (
≊0.4V if using a Schottky). When the transistor opens in the
first cycle, D3 conducts and C1's polarity is reversed with respect to the output at C2, producing -8V.
16
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM3224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com