Electronic Components Datasheet Search
  English  ▼

X  

LM3224 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3224
Description  LM3224 615kHz/1.25MHz Step-up PWM DC/DC Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3224 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3224 Datasheet HTML 7Page - Texas Instruments LM3224 Datasheet HTML 8Page - Texas Instruments LM3224 Datasheet HTML 9Page - Texas Instruments LM3224 Datasheet HTML 10Page - Texas Instruments LM3224 Datasheet HTML 11Page - Texas Instruments LM3224 Datasheet HTML 12Page - Texas Instruments LM3224 Datasheet HTML 13Page - Texas Instruments LM3224 Datasheet HTML 14Page - Texas Instruments LM3224 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
t (s)
t (s)
L
i
'
IL_AVG
ID_AVG
=IOUT_AVG
D*Ts
Ts
D*Ts
Ts
IL (A)
ID (A)
L
V
IN
L
V
V
OUT
IN
L
V
V
OUT
IN
(a)
(b)
LM3224
www.ti.com
SNVS277C – DECEMBER 2004 – REVISED MARCH 2013
SOFT-START CAPACITOR
The LM3224 has a soft-start pin that can be used to limit the inductor inrush current on start-up. The external SS
pin is used to tailor the soft-start for a specific application but is not required for all applications and can be left
open when not needed. When used, a current source charges the external soft-start capacitor, Css. The soft-
start time can be estimated as:
Tss = Css*1.24V/Iss
(3)
THERMAL SHUTDOWN
The LM3224 includes thermal shutdown protection. If the die temperature exceeds 140°C the regulator will shut
off the power switch, significantly reducing power dissipation in the device. The switch will remain off until the die
temperature is reduced to approximately 120°C. If the cause of the excess heating is not removed (excessive
ambient temperature, excessive power dissipation, or both) the device will continue to cycle on and off in this
manner to protect from damage.
INTRODUCTION TO COMPENSATION
Figure 22. (a) Inductor current. (b) Diode current.
The LM3224 is a current mode PWM boost converter. The signal flow of this control scheme has two feedback
loops, one that senses switch current and one that senses output voltage.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com