Electronic Components Datasheet Search
  English  ▼

X  

LM3224 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3224
Description  LM3224 615kHz/1.25MHz Step-up PWM DC/DC Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3224 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3224 Datasheet HTML 3Page - Texas Instruments LM3224 Datasheet HTML 4Page - Texas Instruments LM3224 Datasheet HTML 5Page - Texas Instruments LM3224 Datasheet HTML 6Page - Texas Instruments LM3224 Datasheet HTML 7Page - Texas Instruments LM3224 Datasheet HTML 8Page - Texas Instruments LM3224 Datasheet HTML 9Page - Texas Instruments LM3224 Datasheet HTML 10Page - Texas Instruments LM3224 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
-40 -25 -10 5 20 35 50 65 80 95 110
570
580
590
600
610
620
630
640
TEMPERATURE (
oC)
125
VIN = 2.7V
VIN = 7.0V
-40
-10 5
65
125
3.0
3.5
4.5
5.0
5.5
6.0
6.5
7.0
7.5
TEMPERATURE (
oC)
4.0
-25
20 35 50
80 95 110
VIN = 2.7V
VIN = 7.0V
2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
INPUT VOLTAGE (V)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
2.0
TJ = -40
oC
TJ = 25
oC
TJ = 125
oC
-25 -10 5 20 35 50 65 80 95 110 125
TEMPERATURE (
oC)
2.00
4.50
-40
4.00
3.50
3.00
2.50
2.25
4.25
3.75
3.25
2.75
VIN = 2.7V
VIN = 7.0V
2.0
3.0
4.0
5.0
6.0
7.0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
INPUT VOLTAGE (V)
2.5
3.5
4.5
5.5
6.5
TJ = 125
oC
TJ = -40
oC
TJ = 25
oC
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
INPUT VOLTAGE (V)
TJ = 125
oC
TJ = -40
oC
TJ = 25
oC
LM3224
www.ti.com
SNVS277C – DECEMBER 2004 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
1.25MHz Non-switching IQ vs. Input Voltage
615kHz Switching IQ vs. Input Voltage
Figure 8.
Figure 9.
1.25MHz Switching IQ vs. Input Voltage
615kHz Switching IQ vs. Temperature
Figure 10.
Figure 11.
1.25MHz Switching IQ vs. Temperature
615kHz Switching Frequency vs. Temperature
Figure 12.
Figure 13.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com