Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 102 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 98Page - Texas Instruments AM4376 Datasheet HTML 99Page - Texas Instruments AM4376 Datasheet HTML 100Page - Texas Instruments AM4376 Datasheet HTML 101Page - Texas Instruments AM4376 Datasheet HTML 102Page - Texas Instruments AM4376 Datasheet HTML 103Page - Texas Instruments AM4376 Datasheet HTML 104Page - Texas Instruments AM4376 Datasheet HTML 105Page - Texas Instruments AM4376 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
5
Specifications
5.1
Absolute Maximum Ratings
over junction temperature range (unless otherwise noted)
(1)(2)
MIN
MAX
UNIT
VDD_MPU
Supply voltage for the MPU domain
-0.5
1.5
V
VDD_CORE
Supply voltage range for the CORE domain
-0.5
1.5
V
Supply voltage range for the RTC domain
-0.5
1.5
V
CAP_VDD_RTC(3)
VDDS_RTC
Supply voltage range for the RTC domain
-0.5
2.1
V
VDDS_OSC
Supply voltage range for the System oscillator
-0.5
2.1
V
VDDS_SRAM_CORE_BG
Supply voltage range for the Core SRAM and Bandgap LDOs
-0.5
2.1
V
VDDS_SRAM_MPU_BB
Supply voltage range for the MPU SRAM and BB LDOs
-0.5
2.1
V
VDDS_PLL_DDR
Supply voltage range for the DPLL DDR
-0.5
2.1
V
VDDS_PLL_CORE_LCD
Supply voltage range for the DPLL CORE, EXTDEV, and LCD
-0.5
2.1
V
VDDS_PLL_MPU
Supply voltage range for the DPLL MPU
-0.5
2.1
V
VDDS_DDR
Supply voltage range for the DDR IO domain
-0.5
2.1
V
VDDS
Supply voltage range for all dual-voltage IO domains
-0.5
2.1
V
VDDA1P8V_USB0
Supply voltage range for USBPHY and DPLL PER
-0.5
2.1
V
VDDA1P8V_USB1
Supply voltage range for USBPHY
-0.5
2.1
V
VDDA_ADC0
Supply voltage range for ADC0
-0.5
2.1
V
VDDA_ADC1
Supply voltage range for ADC1
-0.5
2.1
V
VDDSHV1
Supply voltage range for the dual-voltage IO domain
-0.5
3.8
V
VDDSHV2
Supply voltage range for the dual-voltage IO domain
-0.5
3.8
V
VDDSHV3
Supply voltage range for the dual-voltage IO domain
-0.5
3.8
V
VDDSHV5
Supply voltage range for the CLKOUT voltage domain
-0.5
3.8
V
VDDSHV6
Supply voltage range for the dual-voltage IO domain
-0.5
3.8
V
VDDSHV7
Supply voltage range for the dual-voltage IO domain
-0.5
3.8
V
VDDSHV8
Supply voltage range for the dual-voltage IO domain
-0.5
3.8
V
VDDSHV9
Supply voltage range for the dual-voltage IO domain
-0.5
3.8
V
VDDSHV10
Supply voltage range for the dual-voltage IO domain
-0.5
3.8
V
VDDSHV11
Supply voltage range for the dual-voltage IO domain
-0.5
3.8
V
VDDA3P3V_USB0
Supply voltage range for USBPHY
-0.5
4
V
VDDA3P3V_USB1
Supply voltage range for USBPHY
-0.5
4
V
VDDS3P3V_IOLDO
Supply voltage range for the dual-voltage IO LDO
-0.5
3.8
V
VDDS_CLKOUT
Supply voltage range for CLKOUT domain
-0.5
2.1
V
Supply voltage range for USB VBUS comparator input
-0.5
5.25
V
USB0_VBUS(4)
Supply voltage range for USB VBUS comparator input
-0.5
5.25
V
USB1_VBUS(4)
DDR_VREF
Supply voltage range for the DDR3/DDR3L HSTL, LPDDR2
-0.3
1.1
V
HSUL_12 reference voltage
Steady State Max. Voltage at all
-0.5V to IO supply voltage + 0.3 V
IO pins(5)
Steady state maximum voltage range for the USB ID input
V
-0.5
2.1
USB0_ID(6)
Steady state maximum voltage range for the USB ID input
V
-0.5
2.1
USB1_ID(6)
Transient Overshoot and
20% of corresponding IO supply voltage for
Undershoot specification at IO
up to 20% of signal period (see Figure 5-1)
terminal
Latch-up I-test performance current-pulse
±100
injection on each IO pin
Class II (105°C)
mA
Latch-up Performance(7)
Latch-up overvoltage performance voltage
±100
injection on each IO pin
Storage temperature
-55
155
°C
Tstg
(8)
102
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com