Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 105 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 101Page - Texas Instruments AM4376 Datasheet HTML 102Page - Texas Instruments AM4376 Datasheet HTML 103Page - Texas Instruments AM4376 Datasheet HTML 104Page - Texas Instruments AM4376 Datasheet HTML 105Page - Texas Instruments AM4376 Datasheet HTML 106Page - Texas Instruments AM4376 Datasheet HTML 107Page - Texas Instruments AM4376 Datasheet HTML 108Page - Texas Instruments AM4376 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
5.4
Operating Performance Points
Device operating performance points (OPPs) are defined in Table 5-1 through Table 5-3.
Table 5-1. VDD_CORE OPPs(1)
VDD_CORE
VDD_CORE OPP
DDR3/DDR3L(2)
LPDDR2(2)
L3 and L4
MIN
NOM
MAX
OPP100
1.056 V
1.100 V
1.144 V
400 MHz
266 MHz
200 MHz and
100 MHz
OPP50
0.912 V
0.950 V
1 V
Not Supported
133 MHz
100 MHz and
50 MHz
(1) Frequencies in this table indicate maximum performance for a given OPP condition.
(2) This parameter represents the maximum memory clock frequency. Because data is transferred on both edges of the clock, double-data
rate (DDR), the maximum data rate is two times the maximum memory clock frequency defined in this table.
Table 5-2. VDD_MPU OPPs(1)
VDD_MPU
VDD_MPU OPP
ARM (A9)
MIN
NOM
MAX
Nitro
1.272 V
1.325 V
1.378 V
1 GHz
Turbo
1.210 V
1.260 V
1.326 V
800 MHz
OPP120
1.152 V
1.200 V
1.248 V
720 MHz
OPP100
1.056 V
1.100 V
1.144 V
600 MHz
OPP50
0.912 V
0.950 V
1.000 V
300 MHz
(1) Frequencies in this table indicate maximum performance for a given OPP condition.
Table 5-3. Valid Combinations of VDD_CORE and
VDD_MPU OPPs(1)
VDD_CORE
VDD_MPU
OPP50
OPP50
OPP100
OPP50
OPP100
OPP100
OPP100
OPP120
OPP100
Turbo
OPP100
Nitro
(1) OPP combinations listed in this table have been tested. Other OPP combinations are not supported.
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
105
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com