Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 104 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 100Page - Texas Instruments AM4376 Datasheet HTML 101Page - Texas Instruments AM4376 Datasheet HTML 102Page - Texas Instruments AM4376 Datasheet HTML 103Page - Texas Instruments AM4376 Datasheet HTML 104Page - Texas Instruments AM4376 Datasheet HTML 105Page - Texas Instruments AM4376 Datasheet HTML 106Page - Texas Instruments AM4376 Datasheet HTML 107Page - Texas Instruments AM4376 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
5.2
ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
Electrostatic discharge
VESD
V
(ESD)
Charged device model (CDM), per JESD22-C101(2)
±250
(1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3
Power-On Hours (POH)
(1)(2)(3)(4)
COMMERCIAL
INDUSTRIAL
EXTENDED
OPERATING
JUNCTION TEMP
LIFETIME
JUNCTION TEMP
LIFETIME
JUNCTION TEMP
LIFETIME
CONDITION
(Tj)
(POH)(5)
(Tj)
(POH)(5)
(Tj)
(POH)(5)
Nitro
0°C to 90°C
100K
-40°C to 90°C
100K
-40°C to 105°C
84.4K
Turbo
0°C to 90°C
100K
-40°C to 90°C
100K
-40°C to 105°C
100K
OPP120
0°C to 90°C
100K
-40°C to 90°C
100K
-40°C to 105°C
100K
OPP100
0°C to 90°C
100K
-40°C to 90°C
100K
-40°C to 105°C
100K
OPP50
0°C to 90°C
100K
-40°C to 90°C
100K
-40°C to 105°C
100K
(1) The power-on hours (POH) information in this table is provided solely for your convenience and does not extend or modify the warranty
provided under TI's standard terms and conditions for TI semiconductor products.
(2) To avoid significant degradation, the device power-on hours (POH) must be limited as described in this table.
(3) Logic functions and parameter values are not assured out of the range specified in the recommended operating conditions.
(4) The above notations cannot be deemed a warranty or deemed to extend or modify the warranty under TI's standard terms and
conditions for TI semiconductor products.
(5) POH = Power-on hours when the device is fully functional.
104
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com