Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 108 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 108 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 104Page - Texas Instruments AM4376 Datasheet HTML 105Page - Texas Instruments AM4376 Datasheet HTML 106Page - Texas Instruments AM4376 Datasheet HTML 107Page - Texas Instruments AM4376 Datasheet HTML 108Page - Texas Instruments AM4376 Datasheet HTML 109Page - Texas Instruments AM4376 Datasheet HTML 110Page - Texas Instruments AM4376 Datasheet HTML 111Page - Texas Instruments AM4376 Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
5.6
Power Consumption Summary
Table 5-4 summarizes the maximum power consumption at each power terminal.
Note: Data in the Maximum Current Ratings table (Table 5-4) represents worst-case power consumption based
on various applications of the device using practical operating conditions. The data primarily benefits the power
supply designer trying to understand the worst-case power consumption expected from each power rail.
Table 5-4. Maximum Current Ratings at Power Terminals(1)
PARAMETER
MAX
UNIT
SUPPLY NAME
DESCRIPTION
Maximum current rating for the core domain; OPP100
600
mA
VDD_CORE
Maximum current rating for the core domain; OPP50
400
mA
Maximum current rating for the MPU domain; Nitro
at 1 GHz
1000
Maximum current rating for the MPU domain; Turbo
at 800 MHz
800
VDD_MPU
Maximum current rating for the MPU domain; OPP120
at 720 MHz
720
mA
Maximum current rating for the MPU domain; OPP100
at 600 MHz
600
Maximum current rating for the MPU domain; OPP50
at 300 MHz
350
CAP_VDD_RTC(2)
Maximum current rating for RTC domain and LDO output
2
mA
VDDS_RTC
Maximum current rating for the RTC domain
5
mA
VDDS_DDR
Maximum current rating for DDR IO domain; DDR3/DDR3L
300
mA
Maximum current rating for DDR IO domain; LPDDR2
150
VDDS
Maximum current rating for all dual-voltage IO domains
70
mA
VDDS_SRAM_CORE_BG
Maximum current rating for core SRAM LDOs
10
mA
VDDS_SRAM_MPU_BB
Maximum current rating for MPU SRAM LDOs
10
mA
VDDS_PLL_DDR
Maximum current rating for the DPLL DDR
10
mA
VDDS_PLL_CORE_LCD
Maximum current rating for the DPLL CORE, EXTDEV, and LCD
20
mA
VDDS_PLL_MPU
Maximum current rating for the DPLL MPU
10
mA
VDDS_OSC
Maximum current rating for the system oscillator
5
mA
VDDA1P8V_USB0
Maximum current rating for USBPHY 1.8 V and DPLL PER
25
mA
VDDA1P8V_USB1
Maximum current rating for USBPHY 1.8 V
25
mA
VDDA3P3V_USB0
Maximum current rating for USBPHY 3.3 V
40
mA
VDDA3P3V_USB1
Maximum current rating for USBPHY 3.3 V
40
mA
VDDS3P3V_IOLDO
Maximum current rating for the dual-voltage IO LDO
30
mA
VDDA_ADC0
Maximum current rating for ADC0
10
mA
VDDA_ADC1
Maximum current rating for ADC1
10
mA
VDDSHV1
Maximum current rating for dual-voltage IO domain
30
mA
VDDSHV2
Maximum current rating for dual-voltage IO domain
80
mA
VDDSHV3
Maximum current rating for dual-voltage IO domain
100
mA
VDDSHV5
Maximum current rating for dual-voltage IO domain
10
mA
VDDSHV6
Maximum current rating for dual-voltage IO domain
50
mA
VDDSHV7
Maximum current rating for dual-voltage IO domain
10
mA
VDDSHV8
Maximum current rating for dual-voltage IO domain
50
mA
VDDSHV9
Maximum current rating for dual-voltage IO domain
50
mA
VDDSHV10
Maximum current rating for dual-voltage IO domain
50
mA
VDDSHV11
Maximum current rating for dual-voltage IO domain
50
mA
VDDS_CLKOUT
Maximum current rating for CLKOUT domain
10
mA
(1)
Current ratings specified in this table are worst-case estimates. Actual application power supply estimates could be lower. For more
information, see the AM43xx Power Consumption Summary application report.
(2)
This supply is sourced from an internal LDO when RTC_KALDO_ENn is low. If RTC_KALDO_ENn is high, this supply must be sourced
from an external power supply.
108
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com