Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 111 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 111 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 107Page - Texas Instruments AM4376 Datasheet HTML 108Page - Texas Instruments AM4376 Datasheet HTML 109Page - Texas Instruments AM4376 Datasheet HTML 110Page - Texas Instruments AM4376 Datasheet HTML 111Page - Texas Instruments AM4376 Datasheet HTML 112Page - Texas Instruments AM4376 Datasheet HTML 113Page - Texas Instruments AM4376 Datasheet HTML 114Page - Texas Instruments AM4376 Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
DC Electrical Characteristics (continued)
over recommended ranges of supply voltage and operating temperature (unless otherwise noted)
(1)
PARAMETER
MIN
NOM
MAX
UNIT
VHYS
Hysteresis voltage at an input
0.07
V
VI = 1.8 V
0.1
II
Input leakage current
µA
VI = 3.3 V
2
All other LVCMOS pins (VDDSHVx = 1.8 V; x=1-11)
High-level input voltage
0.65 *
VIH
V
VDDSHVx
Low-level input voltage
0.35 *
VIL
V
VDDSHVx
VHYS
Hysteresis voltage at an input
0.18
0.305
V
High-level output voltage, driver enabled, pullup
IOH = 6 mA
VDDSHVx -
VOH
V
or pulldown disabled
0.45
Low-level output voltage, driver enabled, pullup
IOL = 6 mA
0.45
VOL
V
or pulldown disabled
Input leakage current, Receiver disabled, pullup or pulldown
-8.4
8.4
inhibited
II
µA
Input leakage current, Receiver disabled, pullup enabled
-161
-100
-52
Input leakage current, Receiver disabled, pulldown enabled
52
100
170
Total leakage current through the terminal connection of a driver-
-8.4
8.4
IOZ
receiver combination that may include a pullup or pulldown. The
µA
driver output is disabled and the pullup or pulldown is inhibited.
All other LVCMOS pins (VDDSHVx = 3.3 V; x=1-11)
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VHYS
Hysteresis voltage at an input
0.265
0.44
V
High-level output voltage, driver enabled, pullup
IOH = 6 mA
VDDSHVx -
VOH
V
or pulldown disabled
0.45
Low-level output voltage, driver enabled, pullup
IOL = 6 mA
0.45
VOL
V
or pulldown disabled
Input leakage current, Receiver disabled, pullup or pulldown
-18
18
inhibited
II
µA
Input leakage current, Receiver disabled, pullup enabled
-243
-100
-19
Input leakage current, Receiver disabled, pulldown enabled
51
110
210
Total leakage current through the terminal connection of a driver-
-18
18
IOZ
receiver combination that may include a pullup or pulldown. The
µA
driver output is disabled and the pullup or pulldown is inhibited.
XTALIN (OSC0)
High-level input voltage
0.65 *
VIH
V
VDDS_OSC
Low-level input voltage
0.35 *
VIL
V
VDDS_OSC
RTC_XTALIN (OSC1)
High-level input voltage
0.65 *
VIH
V
VDDS_RTC
Low-level input voltage
0.35 *
VIL
V
VDDS_RTC
(1) The interfaces or signals described in this table correspond to the interfaces or signals available in multiplexing mode 0. All interfaces or
signals multiplexed on the terminals described in this table have the same DC electrical characteristics.
(2) For mapping to the LPDDR2 interface terminal name, see the AM437x Sitara Processors Technical Reference Manual (SPRUHL7).
(3) The DDR_RESETn terminal supports fail-safe operation.
(4) The input voltage thresholds for this input are not a function of VDDSHV3.
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
111
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com