Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 114 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 114 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 110Page - Texas Instruments AM4376 Datasheet HTML 111Page - Texas Instruments AM4376 Datasheet HTML 112Page - Texas Instruments AM4376 Datasheet HTML 113Page - Texas Instruments AM4376 Datasheet HTML 114Page - Texas Instruments AM4376 Datasheet HTML 115Page - Texas Instruments AM4376 Datasheet HTML 116Page - Texas Instruments AM4376 Datasheet HTML 117Page - Texas Instruments AM4376 Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
5.9
ADC1: Analog-to-Digital Subsystem Electrical Parameters
The analog-to-digital converter (ADC) subsystem implements a basic general-purpose ADC1.
Table 5-6 summarizes the ADC1 subsystem electrical parameters.
Table 5-6. ADC1 Electrical Parameters
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
ANALOG INPUT
(0.5 * VDDA_ADC1) +
Bypass mode
VDDA_ADC1
0.25
ADC1_VREFP(1)
V
(0.5 * VDDA_ADC1) +
Gain mode
1.2(2)
VDDA_ADC1
0.25
(0.5 * VDDA_ADC1) -
Bypass mode
0
0.25
ADC1_VREFN(1)
V
(0.5 * VDDA_ADC1) -
Gain mode
0
0.5(2)
0.25
ADC1_VREFP + ADC1_VREFN
VDDA_ADC1
V
Bypass mode, Internal Voltage
0
VDDA_ADC1
Reference
Bypass mode, External Voltage
ADC1_VREFN
ADC1_VREFP
Reference
Full-scale Input Range
V
Gain mode, Internal Voltage
-(VDDA_ADC1 / Gain)
(VDDA_ADC1 / Gain)
Reference
Gain mode, External Voltage
-((ADC1_VREFP -
((ADC1_VREFP -
Reference
ADC1_VREFN) / Gain)
ADC1_VREFN) / Gain)
Preamp output
Gain mode (differential)
2.4
V
Internal Voltage Reference:
VDDA_ADC1 = 1.8 V
Differential Nonlinearity
External Voltage Reference:
-1
0.5
1
LSB
(DNL)
ADC1_VREFP - ADC1_VREFN =
1.8 V
GAIN_CTRLx[MSB:LSB] = 00b
12
GAIN_CTRLx[MSB:LSB] = 01b
14
Preamp Gain
GAIN_CTRLx[MSB:LSB] = 10b
16
GAIN_CTRLx[MSB:LSB] = 11b
18
Preamp Bandwidth
Gain mode
15
50
kHz
Bypass mode
Source impedance =
≤ 1k Ω
Internal Voltage Reference:
VDDA_ADC1 = 1.8 V
-2
±1
2
External Voltage Reference:
ADC1_VREFP - ADC1_VREFN =
1.8 V
Integral Nonlinearity (INL)
LSB
Gain mode
Internal Voltage Reference:
VDDA_ADC1 = 1.8 V
±1
External Voltage Reference:
ADC1_VREFP - ADC1_VREFN =
1.8 V
Internal Voltage Reference:
VDDA_ADC1 = 1.8 V
Gain Error
External Voltage Reference:
±2
LSB
ADC1_VREFP - ADC1_VREFN =
1.8 V
Internal Voltage Reference:
VDDA_ADC1 = 1.8 V
Offset Error
External Voltage Reference:
±2
LSB
ADC1_VREFP - ADC1_VREFN =
1.8 V
114
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com