Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 118 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 118 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 114Page - Texas Instruments AM4376 Datasheet HTML 115Page - Texas Instruments AM4376 Datasheet HTML 116Page - Texas Instruments AM4376 Datasheet HTML 117Page - Texas Instruments AM4376 Datasheet HTML 118Page - Texas Instruments AM4376 Datasheet HTML 119Page - Texas Instruments AM4376 Datasheet HTML 120Page - Texas Instruments AM4376 Datasheet HTML 121Page - Texas Instruments AM4376 Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
Table 5-8. Thermal Resistance Characteristics (NFBGA Package) [ZDN]: –100 Speed Grade
over operating free-air temperature range (unless otherwise noted)
NAME
DESCRIPTION
ZDN
AIR FLOW
(°C/W)(1) (2)
(m/s)(1) (3)
R
ΘJC
Junction-to-case
7.07
NA
R
ΘJB
Junction-to-board
11.11
NA
R
ΘJA
Junction-to-free air
23.0
0.0
19.5
0.5
18.5
1.0
17.5
2.0
16.9
3.0
PsiJT
Junction-to-package top
2.10
0.0
2.16
0.5
2.20
1.0
2.27
2.0
2.31
3.0
PsiJB
Junction-to-board
11.59
0.0
11.18
0.5
11.05
1.0
10.91
2.0
10.80
3.0
(1)
These values are based on a JEDEC-defined 2S2P system (with the exception of the Theta JC [R
ΘJC] value, which is based on a
JEDEC-defined 1S0P system) and will change based on environment as well as application. For more information, see these
EIA/JEDEC standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environmental Conditions - Natural Convection (Still Air)
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements
Power dissipation of 2 W and an ambient temperature of 70ºC is assumed.
(2)
°C/W = degrees Celsius per watt.
(3)
m/s = meters per second.
118
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com