Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 120 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 120 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 116Page - Texas Instruments AM4376 Datasheet HTML 117Page - Texas Instruments AM4376 Datasheet HTML 118Page - Texas Instruments AM4376 Datasheet HTML 119Page - Texas Instruments AM4376 Datasheet HTML 120Page - Texas Instruments AM4376 Datasheet HTML 121Page - Texas Instruments AM4376 Datasheet HTML 122Page - Texas Instruments AM4376 Datasheet HTML 123Page - Texas Instruments AM4376 Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
Table 5-10. Power-Supply Decoupling Capacitor Characteristics (continued)
PARAMETER
TYP
UNIT
CVDDSHV9
(6)
10.02
μF
CVDDSHV10
(6)
10.02
μF
CVDDSHV11
(6)
10.02
μF
(1) Typical values consist of 1 capacitor of 10
μF and 4 capacitors of 10 nF.
(2) Typical values consist of 1 capacitor of 2.2
μF and 1 capacitor of 10 nF.
(3) For more details on decoupling capacitor requirements for the DDR3 and DDR3L memory interface, see Section 5.12.8.2.1.3.6 and
Section 5.12.8.2.1.3.7 when using DDR3 and DDR3L memory devices.
(4) VDDS_SRAM_CORE_BG supply powers an internal LDO for SRAM supplies. Inrush currents could cause voltage drop on the
VDDS_SRAM_CORE_BG supplies when the SRAM LDO is enabled after powering up VDDS_SRAM_CORE_BG terminals. A 10
μF is
recommended to be placed close to the terminal and routed with widest traces possible to minimize the voltage drop on
VDDS_SRAM_CORE_BG terminals.
(5) VDDS_SRAM_MPU_BB supply powers an internal LDO for SRAM supplies. Inrush currents could cause voltage drop on the
VDDS_SRAM_MPU_BB supplies when the SRAM LDO is enabled after powering up VDDS_SRAM_MPU_BB terminals. A 10
μF is
recommended to be placed close to the terminal and routed with widest traces possible to minimize the voltage drop on
VDDS_SRAM_MPU_BB terminals.
(6) Typical values consist of 1 capacitor of 10
μF and 2 capacitors of 10 nF.
(7) Typical values consist of 1 capacitor of 10
μF and 6 capacitors of 10 nF.
5.11.2 Output Capacitors
Internal low dropout output (LDO) regulators require external capacitors to stabilize their outputs. These
capacitors should be placed as close as possible to the respective terminals of the device. Table 5-11
summarizes the LDO output capacitor recommendations.
Table 5-11. Output Capacitor Characteristics
PARAMETER
TYP
UNIT
CCAP_VDD_SRAM_CORE
(1)
1
μF
CCAP_VDD_RTC
(1) (2)
1
μF
CCAP_VDD_SRAM_MPU
(1)
1
μF
CCAP_VBB_MPU
(1)
1
μF
CCAP_VDDS1P8V_IOLDO
(1) (3)
2.2
μF
(1)
LDO regulator outputs should not be used as a power source for any external components.
(2)
The CAP_VDD_RTC terminal operates as an input to the RTC core voltage domain when the RTC_KALDO_ENn terminal is high.
(3)
The CAP_VDDS1P8V_IOLDO terminal is the output of the IO LDO and required for simplified power sequencing. For more details, see
Figure 5-8. If simplified power sequencing is not utilized, this terminal can be left floating.
120
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com