Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 124 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 124 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 120Page - Texas Instruments AM4376 Datasheet HTML 121Page - Texas Instruments AM4376 Datasheet HTML 122Page - Texas Instruments AM4376 Datasheet HTML 123Page - Texas Instruments AM4376 Datasheet HTML 124Page - Texas Instruments AM4376 Datasheet HTML 125Page - Texas Instruments AM4376 Datasheet HTML 126Page - Texas Instruments AM4376 Datasheet HTML 127Page - Texas Instruments AM4376 Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 261 page
background image
VDDS_RTC
(A)
1.8V
RTC_PWRONRSTn
(B)
1.8V
RTC_PMIC_EN
1.8V
VDDS_CLKOUT
1.8V
VDDA3P3V_USB0/1
3.3V
VDD_CORE
(D)
1.1V
VDD_MPU
(D)
1.1V
CLK_32K_RTC
CLK_M_OSC
VDDS_SRAM_CORE_BG, VDDA1P8V_USB0/1
(C)
1.8V
VDDS_DDR
1.2V/1.35V/1.5V
PWRONRSTn
1.8V
(E)
VDDS, VDDSHVx [x=1-11]
VDDS_OSC, VDDA_ADC0/1, VDDS_PLL_DDR,
VDDS_PLL_CORE_LCD, VDDS_PLL_MPU,
VDDS_SRAM_MPU_BB,
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
A.
The CAP_VDD_RTC terminal operates as an input to the RTC core voltage domain when the internal RTC LDO is
disabled by connecting the RTC_KALDO_ENn terminal to VDDS_RTC.
If the internal RTC LDO is disabled, CAP_VDD_RTC should be sourced from an external 1.1-V power supply. If
CAP_VDD_RTC is ramped after VDD_CORE, there might be a small amount of additional leakage current on
VDD_CORE.
B.
RTC_PWRONRSTn should be asserted for at least 1 ms and can be released before the 32-kHz clock is stable.
C.
These supplies can be ramped together with the VDDS, VDDSHVx [x=1-11], VDDS_CLKOUT supplies if powered
from the same source.
If a USB port is not used, the respective VDDA1P8V_USB may be connected to any 1.8-V power supply and the
respective VDDA3P3V_USB terminal may be connected to any 3.3-V power supply. If a system does not have a 3.3-
V supply, the VDDA3P3V_USB may be connected to ground.
D.
VDD_MPU and VDD_CORE can be supplied from the same power source if OPPs higher than OPP100 are not used.
E.
It is required to hold the PWRONRSTn terminal low until all the supplies have ramped and the input clock
CLK_M_OSC is stable.
Figure 5-5. Power Sequencing with RTC Feature Enabled, All Dual-Voltage IOs Configured as 1.8 V
124
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com