Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 127 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 127 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 123Page - Texas Instruments AM4376 Datasheet HTML 124Page - Texas Instruments AM4376 Datasheet HTML 125Page - Texas Instruments AM4376 Datasheet HTML 126Page - Texas Instruments AM4376 Datasheet HTML 127Page - Texas Instruments AM4376 Datasheet HTML 128Page - Texas Instruments AM4376 Datasheet HTML 129Page - Texas Instruments AM4376 Datasheet HTML 130Page - Texas Instruments AM4376 Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 261 page
background image
VDDS3P3V_IOLDO,
3.3V
VDD_CORE
(C)
1.1V
VDD_MPU
(C)
1.1V
CLK_M_OSC
1.8V
VDDS_DDR
1.2V/1.35V/1.5V
PWRONRSTn
1.8V/3.3V
(E)
VDDS_RTC, VDDS_OSC, VDDA_ADC0/1,
(F)
VDDA3P3V_USB0/1
(A)
VDDSHVx [x=1-11]
VDDS_SRAM_CORE_BG, VDDA1P8V_USB0/1
(B)
VDDS_PLL_MPU, VDDS_SRAM_MPU_BB,
VDDS_PLL_DDR, VDDS_PLL_CORE_LCD,
CAP_VDD_RTC
(D)
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
A.
Power source supplying VDDS3P3V_IOLDO should have a supply slew of >100us.
CAP_VDDS1P8V_IOLDO is the 1.8-V output of VDDA3P3V_IOLDO. VDDS, VDDS_CLKOUT terminals are powered
by shorting them to CAP_VDDS1P8V_IOLDO on the board.
B.
If a USB port is not used, the repsective VDDA1P8V_USB may be connected to any 1.8-V power supply and the
respective VDDA3P3V_USB terminal may be connected to any 3.3-V power supply. If a system does not have a 3.3-
V supply, the VDDA3P3V_USB may be connected to ground.
C.
VDD_MPU and VDD_CORE can be supplied from the same power source if OPPs higher than OPP100 are not used.
D.
The CAP_VDD_RTC terminal operates as an input to the RTC core voltage domain when the internal RTC LDO is
disabled by connecting the RTC_KALDO_ENn terminal to VDDS_RTC.
If the internal RTC LDO is disabled, CAP_VDD_RTC should be sourced from an external 1.1-V power supply. If
CAP_VDD_RTC is ramped after VDD_CORE, there might be a small amount of additional leakage current on
VDD_CORE.
VDDS_RTC can be ramped independent of other supplies if RTC_PMIC_EN functionality is not required. If
VDDS_RTC is ramped after VDD_CORE when internal RTC LDO is enabled, there might be a small amount of
leakage current on VDD_CORE.
E.
PWRONRSTn input voltage thresholds are not dependent on VDDSHV3 voltage and the terminal is not fail-safe.
PWRONRSTn can accept 1.8-V or 3.3-V input levels when VDDSHV3 is configured as 3.3 V. However,
PWRONRSTn can only accept 1.8 V input levels when VDDSHV3 is configured as 1.8 V. For details on this input
terminal, see Section 5.7.
F.
The PWRONRSTn terminal must be held low until all the supplies have ramped and the input clock CLK_M_OSC is
stable.
Figure 5-8. Simplified Power Sequencing with RTC Feature Disabled, Dual-Voltage IOs Configured as 3.3
V
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
127
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com