Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 129 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 129 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 125Page - Texas Instruments AM4376 Datasheet HTML 126Page - Texas Instruments AM4376 Datasheet HTML 127Page - Texas Instruments AM4376 Datasheet HTML 128Page - Texas Instruments AM4376 Datasheet HTML 129Page - Texas Instruments AM4376 Datasheet HTML 130Page - Texas Instruments AM4376 Datasheet HTML 131Page - Texas Instruments AM4376 Datasheet HTML 132Page - Texas Instruments AM4376 Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 261 page
background image
MPU
PLL
PER
PLL
DDR
PLL
CORE
PLL
EXTDEV
PLL
VDDS_PLL_MPU
VDDS_PLL_CORE_LCD
VDDA1P8V_USB0
VDDS_PLL_DDR
LCD
PLL
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
5.12.2 Clock
5.12.2.1 PLLs
5.12.2.1.1 Digital Phase-Locked Loop Power Supply Requirements
The digital phase-locked loop (DPLL) provides all interface clocks and functional clocks to the processor of the
device. The device integrates 6 different DPLLs:
•
Core DPLL
•
Per DPLL
•
Display DPLL
•
DDR DPLL
•
MPU DPLL
•
EXTDEV DPLL
Figure 5-9 illustrates the power supply connectivity implemented in the device. Table 5-12 provides the power
supply requirements for the DPLL.
Figure 5-9. DPLL Power Supply Connectivity
Table 5-12. DPLL Power Supply Requirements
SUPPLY NAME
DESCRIPTION
MIN NOM
MAX
UNIT
VDDA1P8V_USB0
Supply voltage range for USBPHY and PER DPLL, Analog, 1.8V
1.71
1.8
1.89
V
Max. peak-to-peak supply noise
50
mV (p-p)
VDDS_PLL_MPU
Supply voltage range for DPLL MPU, Analog
1.71
1.8
1.89
V
Max. peak-to-peak supply noise
50
mV (p-p)
VDDS_PLL_CORE_LCD
Supply voltage range for DPLL CORE, EXTDEV, and LCD, Analog
1.71
1.8
1.89
V
Max. peak-to-peak supply noise
50
mV (p-p)
VDDS_PLL_DDR
Supply voltage range for DPLL DDR, Analog
1.71
1.8
1.89
V
Max. peak-to-peak supply noise
50
mV (p-p)
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
129
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com