Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 132 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 132 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 128Page - Texas Instruments AM4376 Datasheet HTML 129Page - Texas Instruments AM4376 Datasheet HTML 130Page - Texas Instruments AM4376 Datasheet HTML 131Page - Texas Instruments AM4376 Datasheet HTML 132Page - Texas Instruments AM4376 Datasheet HTML 133Page - Texas Instruments AM4376 Datasheet HTML 134Page - Texas Instruments AM4376 Datasheet HTML 135Page - Texas Instruments AM4376 Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 261 page
background image
VDDS_OSC
XTALOUT
t
sX
VDD_CORE (min.)
Time
VSS
VDDS_OSC (min.)
VSS
VDD_CORE
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
Table 5-13. OSC0 Crystal Circuit Requirements
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
Crystal parallel resonance
Fundamental mode oscillation only
19.2, 24.0,
frequency
25.0, or
MHz
26.0
fxtal
Crystal frequency stability
-50.0
50.0
ppm
and tolerance
CC1
C1 capacitance
12.0
24.0
pF
CC2
C2 capacitance
12.0
24.0
pF
Cshunt
Shunt capacitance
5.0
pF
Crystal effective series
fxtal = 19.2 MHz, oscillator has nominal
54.4
resistance
negative resistance of 272
Ω and worst-
case negative resistance of 163
Ω
fxtal = 24.0 MHz, oscillator has nominal
48.0
negative resistance of 240
Ω and worst-
case negative resistance of 144
Ω
ESR
Ω
fxtal = 25.0 MHz, oscillator has nominal
46.6
negative resistance of 233
Ω and worst-
case negative resistance of 140
Ω
fxtal = 26.0 MHz, oscillator has nominal
45.3
negative resistance of 227
Ω and worst-
case negative resistance of 137
Ω
Table 5-14. OSC0 Crystal Circuit Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
Shunt capacitance of
ZDN package
0.01
Cpkg
pF
package
The actual values of the ESR, fxtal, and CL should be used to yield a
Pxtal = 0.5 ESR (2 π fxtal
typical crystal power dissipation value. Using the maximum values
CL VDDS_OSC)
2
Pxtal
specified for ESR, fxtal, and CL parameters yields a maximum power
dissipation value.
tsX
Start-up time
1.5
ms
Figure 5-11. OSC0 Start-up Time
132
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com