Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 136 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 136 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 132Page - Texas Instruments AM4376 Datasheet HTML 133Page - Texas Instruments AM4376 Datasheet HTML 134Page - Texas Instruments AM4376 Datasheet HTML 135Page - Texas Instruments AM4376 Datasheet HTML 136Page - Texas Instruments AM4376 Datasheet HTML 137Page - Texas Instruments AM4376 Datasheet HTML 138Page - Texas Instruments AM4376 Datasheet HTML 139Page - Texas Instruments AM4376 Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 261 page
background image
Device
RTC_XTALIN
RTC_XTALOUT
N/C
LVCMOS
Digital
Clock
Source
VDDS_RTC
VSS_RTC
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
5.12.2.3.4 OSC1 LVCMOS Digital Clock Source
Figure 5-15 shows the recommended oscillator connections when OSC1 of the package is connected to an
LVCMOS square-wave digital clock source. The LVCMOS clock source is connected to the RTC_XTALIN
terminal. In this mode of operation, the RTC_XTALOUT terminal should not be used to source any external
components. The printed circuit board design should provide a mechanism to disconnect the RTC_XTALOUT
terminal from any external components or signal traces that may couple noise into OSC1 via the RTC_XTALOUT
terminal.
The RTC_XTALIN terminal has a 10 - 40 k
Ω internal pullup resistor which is enabled when OSC1 is disabled.
This internal resistor prevents the RTC_XTALIN terminal from floating to an invalid logic level which may
increase leakage current through the oscillator input buffer.
Figure 5-15. OSC1 LVCMOS Circuit Schematic
Table 5-18. OSC1 LVCMOS Reference Clock Requirements
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
Frequency, LVCMOS reference clock
32.768
kHz
Maximum RTC error =
-20
20
ppm
f(RTC_XTALIN)
10.512 minutes/year
Frequency, LVCMOS reference clock
stability and tolerance(1)
Maximum RTC error = 26.28
-50
50
ppm
minutes/year
tdc(RTC_XTALIN)
Duty cycle, LVCMOS reference clock period
45
55
%
tjpp(RTC_XTALIN)
Jitter peak-to-peak, LVCMOS reference clock period
-1
1
%
tR(RTC_XTALIN)
Time, LVCMOS reference clock rise
5
ns
tF(RTC_XTALIN)
Time, LVCMOS reference clock fall
5
ns
(1)
Initial accuracy, temperature drift, and aging effects should be combined when evaluating a reference clock for this requirement.
5.12.2.3.5 OSC1 Not Used
Figure 5-16 shows the recommended oscillator connections when OSC1 is not used. An internal 10-k
Ω pullup on
the RTC_XTALIN terminal is turned on when OSC1 is disabled to prevent this input from floating to an invalid
logic level which may increase leakage current through the oscillator input buffer. OSC1 is disabled by default
after power is applied. Therefore, both RTC_XTALIN and RTC_XTALOUT terminals should be a no connect
(NC) when OSC1 is not used.
For more information on disabling OSC1, see the device-specific technical reference manual.
136
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com