Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 134 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 134 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 130Page - Texas Instruments AM4376 Datasheet HTML 131Page - Texas Instruments AM4376 Datasheet HTML 132Page - Texas Instruments AM4376 Datasheet HTML 133Page - Texas Instruments AM4376 Datasheet HTML 134Page - Texas Instruments AM4376 Datasheet HTML 135Page - Texas Instruments AM4376 Datasheet HTML 136Page - Texas Instruments AM4376 Datasheet HTML 137Page - Texas Instruments AM4376 Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 261 page
background image
Device
RTC_XTALIN
RTC_XTALOUT
C
1
C
2
Optional R
bias
Optional R
d
Crystal
VSS_RTC
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
5.12.2.3.3 OSC1 Internal Oscillator Clock Source
Figure 5-13 shows the recommended crystal circuit for OSC1 of the package. It is recommended that pre-
production printed circuit board (PCB) designs include the two optional resistors Rbias and Rd in case they are
required for proper oscillator operation when combined with production crystal circuit components. In most cases,
Rbias is not required and Rd is a 0-Ω resistor. These resistors may be removed from production PCB designs after
evaluating oscillator performance with production crystal circuit components installed on pre-production PCBs.
The RTC_XTALIN terminal has a 10 - 40 k
Ω internal pullup resistor which is enabled when OSC1 is disabled.
This internal resistor prevents the RTC_XTALIN terminal from floating to an invalid logic level which may
increase leakage current through the oscillator input buffer.
A.
Oscillator components (Crystal, C1, C2, optional Rbias and Rd) must be located close to the package. Parasitic
capacitance to the printed circuit board (PCB) ground and other signals should be minimized to reduce noise coupled
into the oscillator.
B.
C1 and C2 represent the total capacitance of the respective PCB trace, load capacitor, and other components
(excluding the crystal) connected to each crystal terminal. The value of capacitors C1 and C2 should be selected to
provide the total load capacitance, CL, specified by the crystal manufacturer. The total load capacitance is CL =
[(C1*C2)/(C1+C2)] + Cshunt, where Cshunt is the crystal shunt capacitance (C0) specified by the crystal manufacturer
plus any mutual capacitance (Cpkg + CPCB) seen across the RTC_XTALIN and RTC_XTALOUT signals. For
recommended values of crystal circuit components, see Table 5-16.
Figure 5-13. OSC1 Crystal Circuit Schematic
Table 5-16. OSC1 Crystal Circuit Requirements
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
Crystal parallel resonance
Fundamental mode oscillation only
32.768
kHz
frequency
Crystal frequency stability
Maximum RTC error = 10.512 minutes
-20.0
20.0
fxtal
ppm
and tolerance
per year
Maximum RTC error = 26.28 minutes per
-50.0
50.0
ppm
year
CC1
C1 capacitance
12.0
24.0
pF
CC2
C2 capacitance
12.0
24.0
pF
Cshunt
Shunt capacitance
1.5
pF
Crystal effective series
fxtal = 32.768 kHz, oscillator has nominal
80
ESR
resistance
negative resistance of 725 k
Ω and worst-
k
Ω
case negative resistance of 250 k
Ω
Table 5-17. OSC1 Crystal Circuit Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
Shunt capacitance of
ZDN package
0.17
Cpkg
pF
package
134
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com